Electronic Components Datasheet Search
  English  ▼

X  

ADUC7121BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADUC7121BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7121BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADUC7121BBCZ Datasheet HTML 47Page - Analog Devices ADUC7121BBCZ Datasheet HTML 48Page - Analog Devices ADUC7121BBCZ Datasheet HTML 49Page - Analog Devices ADUC7121BBCZ Datasheet HTML 50Page - Analog Devices ADUC7121BBCZ Datasheet HTML 51Page - Analog Devices ADUC7121BBCZ Datasheet HTML 52Page - Analog Devices ADUC7121BBCZ Datasheet HTML 53Page - Analog Devices ADUC7121BBCZ Datasheet HTML 54Page - Analog Devices ADUC7121BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
Data Sheet
ADuC7120/ADuC7121
Rev. D | Page 51 of 102
IDAC MMRS
Table 61. IDAC Control Registers (Read and Write Access)
Name
Address (Hex)
Default Value
IDAC0CON
0xFFFF0700
0x0010
IDAC1CON
0xFFFF070C
0x0010
IDAC2CON
0xFFFF0718
0x0010
IDAC3CON
0xFFFF0724
0x0010
IDAC4CON
0xFFFF0730
0x0010
TDSCON
0xFFFF073C
0x00
IDAC0PULLDOWN
0xFFFF0744
0x00
Table 62. IDACxCON MMR Bit Designations
Bit(s)
Name
Setting
Description
[15:9]
These bits are reserved.
[8:7]
SFHMODE
Bit shuffling is a method of
increasing the ac precision of
an IDAC. Do not use in
applications where dc
performance is important.
00
Shuffle one increment at a
time.
01
Shuffle based on an internal
counter.
10
Shuffle based on the input
data.
11
Reserved.
6
MSBSHFEN
0
MSB shuffle enable.
Set by the user to 1 to enable
MSB shuffling.
Set by the user to 0 to disable
MSB shuffling.
5
LSBSHFEN
0
LSB shuffle enable.
Set by the user to 1 to enable
LSB shuffling.
Set by the user to 0 to disable
LSB shuffling.
4
IDACPD
1
IDAC power-down bit.
Set by the user to 1 to power
down the IDAC. IDAC output is
high impedance.
Set by the user to 0 to power
up the IDAC.
3
IDACCLK
0
IDAC update rate.
Set by the user to update the
IDAC using Timer1.
Cleared by the user to update
the IDAC using HCLK (core
clock).
2
IDACCLR
0
IDAC clear bit.
Set by the user to enable
normal IDAC operation.
Cleared by the user to reset
data register of the IDAC to 0.
1
Mode
0
Mode bit. This bit must always
be cleared.
0
Reserved
0
Set this bit to 0.
Table 63. TDSCON MMR Bit Designations
Bit(s)
Name
Setting
Description
[7:3]
Reserved
The user sets these bits to 0.
2
Reserved
The user must set this to 1.
1
DISINT
0
Disable thermal trigger interrupt.
Set by the user to 0 to generate
an interrupt if the temperature
passes the thermal shutdown
point.
0
DISSD
0
Set by the user to 0 to disable the
output current DACs when the
temperature passes a trip point.
Table 64. IDAC0PULLDOWN MMR Bit Designations
Bit(s)
Name
Setting
Description
[7:6]
Reserved
These bits are set to 0 by the
user.
5
Pulldown
0
IDAC0 pull-down.
Set to 1 by the user to pull
down the IDAC0 pin as well as
power down IDAC0.
Set to 0 by the user to disable
the pull-down.
4
PLA_PD_EN
0
PLA output trigger enable.
Set to 1 by the user to enable
the PLA output to trigger the
IDAC0 pull-down.
Set to 0 by the user to disable
this feature.
3:0
PLA Source
PLA output source for PLA
output trigger enable.
Can select the output of any
element, 0 to 15, by
programming these bits with
the corresponding binary
value.
Table 65. IDAC Data Registers (Default Value = 0x00000000,
Read and Write Access)
Name
Address (Hex)
IDAC0DAT
0xFFFF0704
IDAC1DAT
0xFFFF0710
IDAC2DAT
0xFFFF071C
IDAC3DAT
0xFFFF0728
IDAC4DAT
0xFFFF0734
Table 66. IDACxDAT MMR Bit Designations
Bit(s)
Name
Setting
Description
[31:28]
Reserved
These bits are reserved.
[27:17]
Data
Data from IDACx.
[16:0]
Reserved
000
These bits are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com