Electronic Components Datasheet Search
  English  ▼

X  

LTC5597 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 4 Page - Analog Devices

  LTC5597 Datasheet HTML 1Page - Analog Devices LTC5597 Datasheet HTML 2Page - Analog Devices LTC5597 Datasheet HTML 3Page - Analog Devices LTC5597 Datasheet HTML 4Page - Analog Devices LTC5597 Datasheet HTML 5Page - Analog Devices LTC5597 Datasheet HTML 6Page - Analog Devices LTC5597 Datasheet HTML 7Page - Analog Devices LTC5597 Datasheet HTML 8Page - Analog Devices LTC5597 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC5597
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
I-GRADE (NOTE 3)
H-GRADE (NOTE 4)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Logarithmic Slope, TC = 25°C (Note 7) fRF = 100MHz
fRF = 500MHz
fRF = 1GHz
fRF = 2.7GHz
fRF = 5.8GHz
fRF = 10GHz
fRF = 15GHz
fRF = 18GHz
fRF = 24GHz
fRF = 28GHz
fRF = 30GHz
fRF = 39GHz
fRF = 42GHz
fRF = 50GHz
fRF = 52GHz
fRF = 60GHz
fRF = 67GHz
fRF = 70GHz
28.6
27.7
28.0
28.5
28.3
28.2
28.4
28.5
28.5
28.6
28.6
28.7
28.7
28.3
28.3
28.3
28.3
28.0
27.1
28.6
27.7
28.0
28.5
28.3
28.2
28.4
28.5
28.5
28.6
28.6
28.7
28.7
28.3
28.3
28.3
28.3
28.0
29.5
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
Logarithmic Slope Over Operating
Temperature Range (Note 7)
fRF = 100MHz
fRF = 500MHz
fRF = 1GHz
fRF = 2.7GHz
fRF = 5.8GHz
fRF = 10GHz
fRF = 15GHz
fRF = 18GHz
fRF = 24GHz
fRF = 28GHz
fRF = 30GHz
fRF = 39GHz
fRF = 42GHz
fRF = 50GHz
fRF = 52GHz
fRF = 60GHz
fRF = 67GHz
fRF = 70GHz
l
l
l
l
l
l
l
l
l
l
l
l
l
l
l
l
l
l
27.9 to 29.2
26.9 to 28.4
27.3 to 28.7
27.8 to 29.1
27.6 to 28.9
27.5 to 28.8
27.7 to 29.0
27.8 to 29.1
27.8 to 29.1
27.9 to 29.2
27.9 to 29.3
28.0 to 29.3
28.0 to 29.3
27.7 to 28.9
27.7 to 28.9
27.6 to 28.9
27.6 to 28.7
27.2 to 28.0
26.4
27.9 to 29.2
26.9 to 28.4
27.3 to 28.7
27.8 to 29.1
27.6 to 28.9
27.5 to 28.8
27.7 to 29.0
27.8 to 29.1
27.8 to 29.1
27.9 to 29.2
27.9 to 29.3
28.0 to 29.3
28.0 to 29.3
27.7 to 28.9
27.7 to 28.9
27.6 to 28.9
27.6 to 28.7
26.6 to 28.0
30.4
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
mV/dB
Logarithmic Intercept, TC = 25°C
(Note 8)
fRF = 100MHz
fRF = 500MHz
fRF = 1GHz
fRF = 2.7GHz
fRF = 5.8GHz
fRF = 10GHz
fRF = 15GHz
fRF = 18GHz
fRF = 24GHz
fRF = 28GHz
fRF = 30GHz
fRF = 39GHz
fRF = 42GHz
fRF = 50GHz
fRF = 52GHz
fRF = 60GHz
fRF = 67GHz
fRF = 70GHz
–37.2
–40.7
–39.9
–39.2
–39.7
–40.1
–39.2
–39.1
–39.1
–38.3
–37.8
–37.1
–37.2
–39.1
–39.0
–38.4
–37.3
–35.2
–40.6
–37.2
–40.7
–39.9
–39.2
–39.7
–40.1
–39.2
–39.1
–39.1
–38.3
–37.8
–37.1
–37.2
–39.1
–39.0
–38.4
–37.3
–35.2
–38.0
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. CW, 50Ω source at RFIN, fRF = 2.7GHz, test
circuit is shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com