Electronic Components Datasheet Search
  English  ▼

X  

LTC5597 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 1 Page - Analog Devices

  LTC5597 Datasheet HTML 1Page - Analog Devices LTC5597 Datasheet HTML 2Page - Analog Devices LTC5597 Datasheet HTML 3Page - Analog Devices LTC5597 Datasheet HTML 4Page - Analog Devices LTC5597 Datasheet HTML 5Page - Analog Devices LTC5597 Datasheet HTML 6Page - Analog Devices LTC5597 Datasheet HTML 7Page - Analog Devices LTC5597 Datasheet HTML 8Page - Analog Devices LTC5597 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC5597
1
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
100MHz to 70GHz
Linear-in-dB RMS Power Detector with
35dB Dynamic Range
The LTC®5597 is a high accuracy RMS power detector that
provides a very wide RF input bandwidth, from 100MHz
up to 70GHz. This makes the device suitable for a wide
range of RF and microwave applications, such as point-
to-point microwave links, instrumentation and power
control applications.
The DC output voltage of the detector is an accurate
representation of the average signal power applied to the
RF input. The response is linear-in-dB with 28.5mV/dB
logarithmicslopeovera35dBdynamicrangewithtypically
better than ±1dB accuracy. The detector is particularly
suited for measurement of waveforms with crest factor
(CF) as high as 12dB, and waveforms that exhibit a sig-
nificant variation of the crest factor during measurement.
To achieve higher accuracy and lower output ripple, the
averaging bandwidth can be externally adjusted by a ca-
pacitor connected between the FLTR and OUT pins.
The enable interface switches the device between active
measurement mode and a low power shutdown mode.
100MHz to 70GHz RMS Power Detector
Output Voltage vs Frequency
APPLICATIONS
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 9330283, 9639719.
n
Ultra Wide Matched Input Frequency Range:
100MHz to 70GHz
n
35dB Linear Dynamic Range (< ±1dB Error)
n
28.5mV/dB Logarithmic Slope
n
±2dB Flat Response from 100MHz to 60GHz
n
Accurate RMS Power Measurement of High Crest
Factors (Up to 12dB) Modulated Waveforms
n
Low Power Shutdown Mode
n
Low Supply Current: 33mA at 3.3V (Typical)
n
Small 2mm × 2mm Plastic DFN8 Package
n
I-Grade: −40°C to 105°C Rated
H-Grade: −40°C to 125°C Rated
with Guaranteed Log-Slope and Log-Intercept
n
ESD Rating: 2500V HBM, 1500V CDM
n
Point-to-Point Microwave Links
n
SATCOM
n
Instrumentation and Measurement Equipment
n
Military Radios
n
5G, LTE, WiFi, Wireless Networks
n
RMS Power Measurement
n
Receive and Transmit Gain Control
n
RF PA Transmit Power Control
VCC
GND
GND
EN
OUT
GND
RFIN
FLTR
3.3V
5597 TA01a
LTC5597
100nF
1
ENABLE
ADC
CFLTR
RFIN
5597 TA01b
0.1
1
10
100
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
RF FREQUENCY (GHz)
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
–35dBm
Document Feedback


Similar Part No. - LTC5597

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590 Datasheet
362Kb / 20P
Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591 Datasheet
362Kb / 20P
Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5597

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com