Electronic Components Datasheet Search
  English  ▼

X  

LTC5597 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC5597 Datasheet HTML 14Page - Analog Devices LTC5597 Datasheet HTML 15Page - Analog Devices LTC5597 Datasheet HTML 16Page - Analog Devices LTC5597 Datasheet HTML 17Page - Analog Devices LTC5597 Datasheet HTML 18Page - Analog Devices LTC5597 Datasheet HTML 19Page - Analog Devices LTC5597 Datasheet HTML 20Page - Analog Devices LTC5597 Datasheet HTML 21Page - Analog Devices LTC5597 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC5597
22
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
06/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
VCC
GND
GND
EN
OUT
GND
RFIN
FLTR
3.3V
5597 TA02
LTC5597
100nF
1
ENABLE
ADC
CFLTR
RFIN
PART NUMBER
DESCRIPTION
COMMENTS
RF Power Detectors
ADL6012
2 GHz to 67 GHz, 500 MHz BW Envelope Detector 0.5 to 1ns propagation delay, 0.6/1.3ns rise/fall time, 40dB dynamic range up to
43.5GHz.
LTC5596
100MHz to 40GHz Linear-in-dB RMS Power
Detector with 35dB Dynamic Range
±1dB Flat Response from 200MHz to 30GHz, < ±1dB Error, 29mV/dB
Logarithmic Slope.
ADL6010
Fast Responding, 45 dB Range, 0.5 GHz to 43.5
GHz Envelope Detector
Schottky detector with accurate linearization, 40MHz envelope bandwidth, 4ns
output rise time.
HMC1094
50 dB, Logarithmic Detector, 1-23 GHz
Fast rise/fall time: 12ns/65ns, 3.3V.
HMC7447
E-Band Detector, 71-86 GHz
24dB Dynamic Range, −0.5dBm to +23.5dBm, Insertion loss 0.45dB.
Mixers
ADMV1017/1018
24 GHz to 29.5 GHz, 5G Up/Down converter
Baseband IQ or Image Reject. LO doubler and quadrupler modes. 1.5GHz RF
bandwidth.
100MHz to 70GHz Power Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com