Electronic Components Datasheet Search
  English  ▼

X  

LTC5597 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC5597 Datasheet HTML 2Page - Analog Devices LTC5597 Datasheet HTML 3Page - Analog Devices LTC5597 Datasheet HTML 4Page - Analog Devices LTC5597 Datasheet HTML 5Page - Analog Devices LTC5597 Datasheet HTML 6Page - Analog Devices LTC5597 Datasheet HTML 7Page - Analog Devices LTC5597 Datasheet HTML 8Page - Analog Devices LTC5597 Datasheet HTML 9Page - Analog Devices LTC5597 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC5597
6
Rev. 0
For more information www.analog.com
Note 6: Range for which the LOG-Linearity Error is within ±1dB.
Note 7: Slope of the best fit straight line obtained by linear regression.
Note 8: Extrapolated input power level (straight line obtained by linear
regression) where the voltage at OUT equals 0V.
Note 9: Power range for which LOG-Linearity Error is within ±1dB, relative
to best fit straight line for CW data (see Note 5).
Note 10: Delay from 50% change in RFIN to 50% change in output voltage.
Note 11: Time required to change voltage at OUT pin from 10% to 90% of
final value. Input power stepped from –55dBm to 0dBm.
Note 12: Time required to change voltage at OUT pin from 90% to 10% of
initial value. Input power stepped from 0dBm to –55dBm.
Note 13: Time required to change voltage at OUT pin to 90% of final value.
Input power 0dBm.
Note 14: Time required to change voltage at OUT pin to 10% of initial
value. Input power 0dBm. For higher load impedance the turn-off time
will be (much) larger as the OUT interface is high impedance in shutdown
mode.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. The voltage on all pins should not exceed 3.8V,
VCC + 0.3V or be less than –0.3V, otherwise damage to the ESD diodes
may occur.
Note 2: Not production tested. Guaranteed by design and correlation to
production tested parameters.
Note 3: The LTC5597IDC is guaranteed functional over the case
temperature range –40°C to 105°C. All limits at –40°C and 105°C are
guaranteed by design and production sample testing.
Note 4: The LTC5597HDC is guaranteed functional over the case
temperature range –40°C to 125°C. All limits at –40°C and 125°C are
guaranteed by 100% production testing.
Note 5: LOG-Linearity Error is the input-referred power measurement error
relative to the best fit straight line (output voltage vs input power in dBm)
obtained by linear regression at TC = 25°C. The input power range used
for the linear regression is from –37dBm to –5dBm for all frequencies. An
offset of 0.5dB is added to the LOG-intercept for all frequencies to center
the errors over the full temperature range. See also the Application Section
for an explanation of measurement error metrics.
PARAMETER
CONDITIONS
I-GRADE (NOTE 3)
H-GRADE (NOTE 4)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Enable (EN) Low = Off, High = On
EN Input High Voltage (On)
l
1.1
1.1
V
EN Input Low Voltage (Off)
l
0.6
0.6
V
EN Pin Input Current
50
500
50
500
nA
Turn ON Time (Note 13)
50Ω Load at OUT
8
8
μs
Turn OFF Time (Note 14)
50Ω Load at OUT
1MΩ||11pF Load at OUT
45
100
45
100
ns
μs
Power Supply
Supply Voltage
l
2.7
3.3
3.6
2.7
3.3
3.6
V
Active Supply Current
EN = 3.3V
29.8
33.5
37.3
29.8
33.5
37.3
mA
Shutdown Supply Current
EN = 0V
50
500
50
500
nA
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. CW, 50Ω source at RFIN, fRF = 2.7GHz, test
circuit is shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com