Electronic Components Datasheet Search
  English  ▼

X  

LTC5597 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC5597 Datasheet HTML 4Page - Analog Devices LTC5597 Datasheet HTML 5Page - Analog Devices LTC5597 Datasheet HTML 6Page - Analog Devices LTC5597 Datasheet HTML 7Page - Analog Devices LTC5597 Datasheet HTML 8Page - Analog Devices LTC5597 Datasheet HTML 9Page - Analog Devices LTC5597 Datasheet HTML 10Page - Analog Devices LTC5597 Datasheet HTML 11Page - Analog Devices LTC5597 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC5597
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage, Linearity Error vs
RF Input Power at 28GHz
Output Voltage, Linearity Error vs
RF Input Power at 30GHz
Output Voltage, Linearity Error vs
RF Input Power at 39GHz
Output Voltage, Linearity Error vs
RF Input Power at 42GHz
Output Voltage, Linearity Error vs
RF Input Power at 50GHz
Output Voltage, Linearity Error vs
RF Input Power at 52GHz
Output Voltage, Linearity Error vs
RF Input Power at 60GHz
Output Voltage, Linearity Error vs
RF Input Power at 67GHz
Output Voltage, Linearity Error vs
RF Input Power at 70GHz
VCC = 3.3V, EN = 3.3V, TC= 25°C. CW, 50Ω Source
at RFIN, fRF = 2.7GHz, test circuit is shown in Figure 1.
5597 G10
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G11
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G12
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G13
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G14
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G15
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G16
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G17
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
6
4
2
0
-2
-4
-6
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G18
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
6
4
2
0
-2
-4
-6
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com