Electronic Components Datasheet Search
  English  ▼

X  

LTC5597 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC5597 Datasheet HTML 14Page - Analog Devices LTC5597 Datasheet HTML 15Page - Analog Devices LTC5597 Datasheet HTML 16Page - Analog Devices LTC5597 Datasheet HTML 17Page - Analog Devices LTC5597 Datasheet HTML 18Page - Analog Devices LTC5597 Datasheet HTML 19Page - Analog Devices LTC5597 Datasheet HTML 20Page - Analog Devices LTC5597 Datasheet HTML 21Page - Analog Devices LTC5597 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC5597
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The LOG-linearity error curves in the Typical Performance
Characteristics section were obtained using linear
regression, applied to the response of the individual
detector devices at T = 25°C. For all frequencies, the
input power range from –37dBm to –5dBm was used. The
resulting LOG-linearity error tends to have larger negative
values than positive values. To center the error curves
within the ±1dB range, an additional 0.5dB was added
to the PINTERCEPT parameter. This slightly increases the
measurement error at T = 25°C, but results in a smaller
error over the full temperature range. The calculated
LOG-slope and LOG-intercept numbers are displayed in
the tables on page 4 and 5.
A better measurement accuracy is achieved if the inter-
preter uses the actual detector response at T = 25°C as
model for the detector, instead of the perfect linear-in-dB
response described above. The resulting measurement
error, the temperature drift error, equals:
TemperatureDriftError=[VOUT(T)–VOUT(25°C)]/SLOPE
A system that achieves this measurement error should
store the full output voltage vs input power response of
the detector with suitable resolution. The error curves
displayed on page 9 and 10 represent the achieved power
measurement accuracy using this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com