Electronic Components Datasheet Search
  English  ▼

X  

MAX14721 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14721
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14721 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14721 Datasheet HTML 4Page - Maxim Integrated Products MAX14721 Datasheet HTML 5Page - Maxim Integrated Products MAX14721 Datasheet HTML 6Page - Maxim Integrated Products MAX14721 Datasheet HTML 7Page - Maxim Integrated Products MAX14721 Datasheet HTML 8Page - Maxim Integrated Products MAX14721 Datasheet HTML 9Page - Maxim Integrated Products MAX14721 Datasheet HTML 10Page - Maxim Integrated Products MAX14721 Datasheet HTML 11Page - Maxim Integrated Products MAX14721 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
(VIN = 12V, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
0
20
40
60
80
100
120
140
160
180
200
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
SWITCH TURN-ON TIME
vs. TEMPERATURE
toc11
MAX14721
VIN = +24V
RL = 240W
CL = 4.7µF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
SWITCH TURN-OFF TIME
vs. TEMPERATURE
toc12
VIN = +24V
RL = 240W
20V/div
20V/div
1A/div
toc13
200ms/div
VIN
VOUT
IOUT
POWER-UP RESPONSE
CL = 26mF
ILIM = 1A
MAX14723
CL = 26mF
ILIM = 1A
MAX14723
REVERSE-BLOCKING
RESPONSE
20V/div
10µs/div
VIN
VOUT
IOUT
20V/div
1A/div
24V
24V
30V
toc14
VRIPEN = 1.7V
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
NORMALIZED CURRENT LIMIT
vs. TEMPERATURE
toc08
NORMALIZED TO TA = +25°C
VIN = 24V
RILIM = 12.4kW
0
2
4
6
8
10
12
14
16
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
SHUTDOWN IN CURRENT
vs. TEMPERATURE
toc9
VIN = +60V
VIN = + 12V
VIN = +24V
VIN = +34V
0
50
100
150
200
250
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
SHUTDOWN OUTPUT CURRENT
vs. TEMPERATURE
toc10
VIN = +12V
VIN = +24V
VIN = +34V
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
Maxim Integrated │ 8
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com