Electronic Components Datasheet Search
  English  ▼

X  

MAX14721 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14721
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14721 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14721 Datasheet HTML 9Page - Maxim Integrated Products MAX14721 Datasheet HTML 10Page - Maxim Integrated Products MAX14721 Datasheet HTML 11Page - Maxim Integrated Products MAX14721 Datasheet HTML 12Page - Maxim Integrated Products MAX14721 Datasheet HTML 13Page - Maxim Integrated Products MAX14721 Datasheet HTML 14Page - Maxim Integrated Products MAX14721 Datasheet HTML 15Page - Maxim Integrated Products MAX14721 Datasheet HTML 16Page - Maxim Integrated Products MAX14721 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
accepting signals up to 60V. EN is a low-voltage input,
accepting a maximum voltage of 5V. In case of a fault
condition, toggling HVEN or EN resets the fault. The
enable inputs control the state of the switch based on the
truth table (Table 1).
Input Debounce
The MAX14721–MAX14723 feature a built-in input
debounce time (tDEB). The debounce time is a delay
between a POR event and the switch being turned on. If
the input voltage rises above the UVLO threshold voltage
or if, with a voltage greater than VUVLO present on IN,
the enable pins toggle to the on state, the switch turns on
after tDEB. In cases where the voltage at IN falls below
VUVLO before tDEB has passed, the switch remains
off (Figure 2). If the voltage at OUT is already above
VUVLO_OUT when the device is turned on through either
enable pin or coming out of OVLO, there is no debounce
interval. This is due to the device already being out of the
POR condition with OUT above VUVLO_OUT.
Current-Limit Type Select
The MAX14721–MAX14723 feature three selectable
current-limiting modes. During power-up, all devices
default to continuous mode and follow the procedure
defined in the Startup Control section. Once the part has
been successfully powered on and tSTO has expired,
the device senses the condition of CLTS1 and CLTS2.
The condition of CLTS1 and CLTS2 sets the current-limit
mode type according to Table 2. CLTS1,2 are internally
pulled up to an internal 5V supply. Therefore, the device is
in continuous current-limit mode when CLTS1 and CLTS2
are open. To set CLTS_ state to low, connect a 10kΩ
resistor or below to ground.
In addition to the selectable current-limiting modes, the
device has a protection feature against a severe over
load condition. If the output current exceeds 2 times the
set current limit, the device will turn off the internal nFET
and external pFET immediately and will attempt to restart
to allow the overcurrent to last for tBLANK time. The OFF
duration depends on fault condition occurred after the
FETs turn off, with the shortest duration of 420µs (tON_FET)
if there is no fault. In Latchoff mode, the device will latch
off if the overcurrent fault last longer than tBLANK.
Autoretry Mode (Figure 3)
In autoretry current-limit mode, when current through the
device reaches the threshold, the tBLANK timer begins
counting. The FLAG output asserts low when the voltage
drop across the switch rises above VFA. If the overcurrent
condition is present for tBLANK, the switch is turned off.
The timer resets if the overcurrent condition disappears
before tBLANK has elapsed. A retry time delay (tRETRY)
starts immediately once tBLANK has elapsed. During the
retry time, the switch remains off and, once tRETRY has
elapsed, the switch is turned back on. If the fault still
exists, the cycle is repeated and FLAG remains low. If the
fault has been removed, the switch stays on.
The autoretry feature reduces system power in case of
overcurrent or short-circuit conditions. When the switch is
on during tBLANK time, the supply current is held at the
currentlimit.WhentheswitchisoffduringtRETRYtime,there
is no current through the switch. Thus, the output current
is much less than the programmed current limit. Calculate
the average output current using the following equation.
BLANK
STI
LOAD
LIM
BLANK
RETRY
STI
t
tK
I
I
t
t
t

+
×
=

++

where K is the multiplication factor of the initial current
limit (1x, 1.5x or 2x). With a 24ms (typ) tBLANK, 24ms
tSTI, K = 1 and 720ms (typ) tRETRY, the duty cycle is
3.1%, resulting in 97% power saving as compared to the
switch being on the entire time.
Latchoff Mode (Figure 4)
In latchoff current-limit mode, when current through the
device reaches the threshold, the tBLANK timer begins
counting. The FLAG asserts when the voltage drop across
the switch rises above VFA. The timer resets if the overcurrent
condition disappears before tBLANK has elapsed. The
switch turns off if the overcurrent condition remains for the
blanking time. The switch remains off until the control logic
(EN or HVEN) is toggled or the input voltage is cycled.
Table 1. Enable Inputs
HVEN
EN
SWITCH STATUS
0
0
ON
0
1
ON
1
0
OFF
1
1
ON
Table 2. Current-Limit Type Select
CLTS2
CLTS1
CURRENT-LIMIT TYPE
0
0
LATCHOFF MODE
0
1
AUTORETRY MODE
1
0
CONTINUOUS MODE
1
1
CONTINUOUS MODE
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com