Electronic Components Datasheet Search
  English  ▼

X  

MAX14721 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14721
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14721 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14721 Datasheet HTML 1Page - Maxim Integrated Products MAX14721 Datasheet HTML 2Page - Maxim Integrated Products MAX14721 Datasheet HTML 3Page - Maxim Integrated Products MAX14721 Datasheet HTML 4Page - Maxim Integrated Products MAX14721 Datasheet HTML 5Page - Maxim Integrated Products MAX14721 Datasheet HTML 6Page - Maxim Integrated Products MAX14721 Datasheet HTML 7Page - Maxim Integrated Products MAX14721 Datasheet HTML 8Page - Maxim Integrated Products MAX14721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VIN = 5.5V to 60V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VIN = 24V, TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL FETs
Internal FETs On-Resistance
RON
ILOAD = 100mA, VIN ≥ 10V,
TA = +25ºC
76
101
mΩ
Current Limit Adjustment Range
ILIM
0.2
2
A
Current Limit Accuracy
ILIM_ACC
0.3A ≤ ILIM ≤ 2A (TA = +25°C)
-10
+10
%
0.2A ≤ ILIM ≤ 2A
-15
+15
FLAG Assertion Drop Voltage
Threshold
VFA
Increase in (VIN - VOUT) drop until
FLAG asserts, VIN = 24V
480
mV
Reverse Current-Blocking
Threshold
VRIB
VIN - VOUT
-4
-9
-14
mV
Reverse Current-Blocking
Response Time
tRIB
(VIN - VOUT) changes from 0.2V to
-0.3V in 100nsec, tRIB is the interval
between VIN = VOUT and VIN-GP =
0.5V without capacitive load on GP
1
1.55
µs
Reverse-Blocking Supply
Current
IRBS
VOUT = 24V
2000
3900
µA
LOGIC INPUT (HVEN, CLTS1, CLTS2, EN, RIPEN)
HVEN Threshold Voltage
VHVEN _TH
1
2
3.1
V
HVEN Threshold Hysteresis
5
%
HVEN Input Leakage Current
IHVEN_LEAK VHVEN = 60V
46
67
µA
EN, RIPEN, CLTS1, CLTS2
Input Logic-High
VIH
1.4
V
EN, RIPEN, CLTS1, CLTS2
Input Logic-Low
VIL
0.4
V
EN Input Leakage Current
IEN_LEAK
VEN = 0V, 5V
-1
+1
µA
RIPEN Leakage Current
IRIPEN_LEAK RIPEN = GND
25
µA
CLTS_ Leakage Current
CLTS_ = GND
25
µA
LOGIC OUTPUT (FLAG)
Logic-Low Voltage
ISINK = 1mA
0.4
V
Input Leakage Current
VIN = 5.5V, FLAG deasserted
1
µA
SETI
RSETI x ILIM
VRI
See Setting the Current-Limit
Threshold section
1.5
V
Current Mirror Output Ratio
CIRATIO
8333
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com