Electronic Components Datasheet Search
  English  ▼

X  

MAX14721 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14721
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14721 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14721 Datasheet HTML 6Page - Maxim Integrated Products MAX14721 Datasheet HTML 7Page - Maxim Integrated Products MAX14721 Datasheet HTML 8Page - Maxim Integrated Products MAX14721 Datasheet HTML 9Page - Maxim Integrated Products MAX14721 Datasheet HTML 10Page - Maxim Integrated Products MAX14721 Datasheet HTML 11Page - Maxim Integrated Products MAX14721 Datasheet HTML 12Page - Maxim Integrated Products MAX14721 Datasheet HTML 13Page - Maxim Integrated Products MAX14721 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PIN
NAME
FUNCTION
1, 5, 11, 15
N.C.
Not Connected
2, 3, 4
IN
Switch Input. Bypass IN to ground with a 1µF ceramic capacitor for ±15kV Human Body Model
ESD protection on IN. In applications in which an external pFET is used, a 4.7µF capacitor should
be placed at the drain of the pFET and a reduced capacitor of 10nF to 100nF should be placed at
IN. The maximum slew rate allowed at IN is 30V/µs. IN serves as the under/overvoltage sensed
input when preprogrammed UVLO/OVLO is used.
6
GP
Gate Driver Output for External pFET
7
SETI
Overload Current-Limit Adjust. Connect a resistor from SETI to GND to program the overcurrent
limit. SETI must be connected to a resistor. If SETI is connected to GND during startup, then the
switch does not turn on. Do not connect more than 30pF to SETI.
8
FLAG
Open-Drain Fault Indicator Output. FLAG asserts low when the VIN - VOUT voltage exceeds
VFA, reverse-current is detected, thermal shutdown mode is active, OVLO or UVLO threshold is
reached, or SETI is connected to GND.
9
OVLO
Externally-Programmable Overvoltage Lockout Threshold. Connect OVLO to GND to use the
default internal OVLO threshold. Connect OVLO to an external resistor-divider to define a
threshold externally and override the preset internal OVLO threshold.
10
UVLO
Externally-Programmable Undervoltage Lockout Threshold. Connect UVLO to GND to use the
default internal UVLO threshold. Connect UVLO to an external resistor-divider to define a threshold
externally and override the preset internal UVLO threshold.
12, 13, 14
OUT
Switch Output. Bypass OUT to GND with a 4.7µF ceramic capacitor placed as close to the device
as possible.
16
RIPEN
Reverse-Current Protection Enable. Internally pulled up. Connect RIPEN to GND with 10kW
resistor or lower to disable the reverse-current flow protection.
17
HVEN
60V Capable Active-Low Enable Input. See Table 1.
18
CLTS2
Current-Limit Type Select 2. See Table 2.
19
CLTS1
Current-Limit Type Select 1. See Table 2.
20
EN
Active-High Enable Input. See Table 1.
—
GND/EP
Ground/Exposed Pad. Connect to a large copper ground plane to maximize thermal performance.
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
www.maximintegrated.com
Maxim Integrated │ 10
Pin Description
Pin Configurations
MAX14721–
MAX14723
TQFN
(5mm x 5mm)
TOP VIEW
GND/EP
+
CLTS2
CLTS1
EN
OVLO
FLAG
SETI
GP
HVEN
UVLO
RIPEN
10
9
8
7
6
11
12
13
14
15
16
17
18
19
20
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com