Electronic Components Datasheet Search
  English  ▼

X  

MAX14721 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14721
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14721 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14721 Datasheet HTML 1Page - Maxim Integrated Products MAX14721 Datasheet HTML 2Page - Maxim Integrated Products MAX14721 Datasheet HTML 3Page - Maxim Integrated Products MAX14721 Datasheet HTML 4Page - Maxim Integrated Products MAX14721 Datasheet HTML 5Page - Maxim Integrated Products MAX14721 Datasheet HTML 6Page - Maxim Integrated Products MAX14721 Datasheet HTML 7Page - Maxim Integrated Products MAX14721 Datasheet HTML 8Page - Maxim Integrated Products MAX14721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
(VIN = 5.5V to 60V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VIN = 24V, TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
IN Voltage Range
VIN
5.5
60
V
Shutdown IN Current
ISHDN
VEN = 0V, VHVEN = 5V, VIN < 40V
5.25
15
µA
VEN = 0V, VHVEN = 5V
5.25
150
Supply Current
IIN
VIN = VOUT = 24V, VHVEN = 0V
1.4
1.9
mA
Shutdown OUT Current
IOFF
VEN = 0V, VHVEN = 5V
50
100
µA
UVLO, OVLO
Internal UVLO Trip Level
VUVLO
VIN falling, UVLO trip point
11.5
12
12.5
V
VIN rising
11.9
12.4
13
UVLO Hysteresis
% of typical UVLO
3
%
Internal OVLO Trip Level
VOVLO
VIN falling
32.1
33.8
35.6
V
VIN rising, OVLO trip point
34.5
36
37.4
OVLO Hysteresis
% of typical OVLO
6
%
External UVLO Adjustment
Range (Note 4)
5.5
24
V
External UVLO Select Voltage
VUVLO_SEL
0.15
0.38
0.5
V
External UVLO Leakage
Current
IUVLO_LEAK
-250
+250
nA
External OVLO Adjustment
Range (Note 4)
6
40
V
External OVLO Select Voltage
VOVLO_SEL
0.15
0.38
0.5
V
External OVLO Leakage
Current
IOVLO_LEAK
-250
+250
nA
External UVLO/OVLO Set
Voltage
VSET
1.18
1.22
1.27
V
Undervoltage Trip Level on OUT
VUVLO_OUT
VOUT falling, UVLO trip point
11.5
12
12.5
V
VOUT rising
11.9
12.4
13
GP
Gate Clamp Voltage
VGP
10
16.1
20
V
Gate Active Pullup
25
50
Ω
Gate Active Pulldown
VEN = 5V
50
110
µA
Shutdown Gate Active Pullup
VEN = 0V, VHVEN = 5V
2.2
MΩ
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com