Electronic Components Datasheet Search
  English  ▼

X  

MAX14721 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14721
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14721 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14721 Datasheet HTML 1Page - Maxim Integrated Products MAX14721 Datasheet HTML 2Page - Maxim Integrated Products MAX14721 Datasheet HTML 3Page - Maxim Integrated Products MAX14721 Datasheet HTML 4Page - Maxim Integrated Products MAX14721 Datasheet HTML 5Page - Maxim Integrated Products MAX14721 Datasheet HTML 6Page - Maxim Integrated Products MAX14721 Datasheet HTML 7Page - Maxim Integrated Products MAX14721 Datasheet HTML 8Page - Maxim Integrated Products MAX14721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
(All voltages referenced to GND.)
IN (Note 1)..........................................................-0.3V to +60.5V
OUT.............................................................. -0.3V to VIN + 0.3V
HVEN (Note 1) ............................................. -0.3V to VIN + 0.3V
GP .....................................max (-0.3V, VIN - 20V) to VIN + 0.3V
UVLO, OVLO...............................-0.3V to min (VIN + 0.3V, 20V)
FLAG, EN, RIPEN, CLTS1, CLTS2.........................-0.3V to +6V
Maximum Current into IN (DC) (Note 2) .................................2A
SETI................................................-0.3V to min(VIN + 0.3V, 6V)
Continuous Power Dissipation (TA = +70°C)
TQFN (derate 31.3mW/ºC above +70°C)..................2500mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
PACKAGE TYPE: 20 TQFN
Package Code
T2055+3C
Outline Number
21-0140
Land Pattern Number
90-0008
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction to Ambient (θJA)
32°C/W
Junction to Case (θJC)
3°C/W
Note 1: An external pFET or diode is required to achieve negative input protection.
Note 2: DC current-limited by RSETI as well as by thermal design.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com