Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA191 Datasheet HTML 3Page - Texas Instruments INA191 Datasheet HTML 4Page - Texas Instruments INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
at TA = 25°C, VSENSE = VIN+ – VIN–, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2 (INA2191), and VENABLE = VS (unless
otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
NOISE, RTI(1)
Voltage noise density
75
nV/√Hz
ENABLE
IEN
Leakage input current
0 V ≤ VENABLE ≤ VS
1
100
nA
VIH
High-level input voltage TA = –40°C to +125°C
1.35
5.5
V
VIL
Low-level input voltage TA = –40°C to +125°C
0
0.4
V
VHYS
Hysteresis
100
mV
IODIS
Output leakage
disabled
VS = 1.8 V, VOUT = 0 V to 1.8 V, VENABLE = 0 V
1
5
µA
Output leakage
disabled (INA2191)
VS = 5 V, VOUT = 0 V to 5.0 V, VENABLE = 0 V
1
5
µA
POWER SUPPLY
IQ
Quiescent current
(INA191)
VS = 1.8 V, VSENSE = 0 mV
43
65
µA
VS = 1.8 V, VSENSE = 0 mV, TA = –40°C to +125°C
85
µA
Quiescent current
(INA2191)
VS = 1.8 V, VSENSE = 0 mV (Dual Channel)
96
130
µA
VS = 1.8 V, VSENSE = 0 mV, TA = –40°C to +125°C
180
µA
IQDIS
Quiescent current
disabled (INA191)
VENABLE < 0.4 V, VSENSE = 0 mV (Single Channel)
10
100
nA
IQDIS
Quiescent current
disabled (INA2191)
VENABLE1 < 0.4 V, VENABLE2 = < 0.4 V, VSENSE = 0 mV
20
200
nA
(1)
RTI = referred-to-input.
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com