Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments INA191 Datasheet HTML 20Page - Texas Instruments INA191 Datasheet HTML 21Page - Texas Instruments INA191 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
7.4 Device Functional Modes
7.4.1 Normal Operation
The INAx191 is in normal operation when the following conditions are met:
• The power-supply voltage (VS) is between 1.7 V and 5.5 V.
• The common-mode voltage (VCM) is within the specified range of –0.2 V to +40 V.
• The maximum differential input signal times the gain plus VREF is less than the positive output voltage swing
VSP. VREF = 0 V for INA191.
• The ENABLE pin is driven or connected to VS.
• The minimum differential input signal times the gain plus VREF is greater than the swing to GND, VZL (see
Section 7.3.7). VREF = 0 V for INA191.
During normal operation, this device produces an output voltage that is the amplified representation of the
difference voltage from IN+ to IN– plus the voltage applied to the REF pin. For devices without a REF pin the
REF voltage is 0 V.
7.4.2 Unidirectional Mode
The INA191 always monitors current flow in a single direction, however, the INA2191 can be configured to
monitor current flowing in one direction (unidirectional) or in both directions (bidirectional) depending on how
the REF pin is connected. The most common case is unidirectional where the output is set to ground when no
current is flowing by connecting the REF pin to ground, as shown in Figure 7-4. When the current flows from the
bus supply to the load, the input voltage from IN+ to IN– increases and causes the output voltage at the OUT pin
to increase. Pin names such as OUT apply to either OUT1 or OUT2 in the diagrams below depending on which
channel is used.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
ENABLE
INA2191 (½)
REF
GND
ISENSE
CBYPASS
0.1 µF
Figure 7-4. Typical Unidirectional Application
The linear range of the output stage is limited by how close the output voltage can approach ground under
zero input conditions. The zero current output voltage of the INA2191 is very small and for most unidirectional
applications the REF pin is simply grounded. However, if the measured current multiplied by the current sense
resistor and device gain is less than the zero current output voltage then bias the REF pin to a convenient value
above the zero current output voltage to get the output into the linear range of the device. To limit reference
rejection errors, buffer the reference voltage connected to the REF pin.
A less-frequently used output biasing method is to connect the REF pin to the power-supply voltage, VS. This
method results in the output voltage saturating at 40 mV less than the supply voltage when no differential input
voltage is present. This method is similar to the output saturated low condition with no differential input voltage
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com