Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments INA191 Datasheet HTML 20Page - Texas Instruments INA191 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
7.3.5 High-Side and Low-Side Current Sensing
The INAx191 supports input common-mode voltages from –0.2 V to +40 V. Because of the internal topology,
the common-mode range is not restricted by the power-supply voltage (VS). The ability to operate with common-
mode voltages greater or less than VS allows the INAx191 to be used in high-side and low-side current-sensing
applications, as shown in Figure 7-3.
Bus Suppl y
up to +40 V
High-Side Se nsing
Low-Side Se nsing
LOA D
Commo n-mode volta ge (VCM)
is b us-voltage depen dent.
Commo n-mode volta ge (VCM)
is a lwa ys n ear groun d a nd is
isolated fro m bus-voltage sp ikes.
IN+
RSENS E
RSENS E
IN±
IN+
IN±
Figure 7-3. High-Side and Low-Side Sensing Connections
7.3.6 High Common-Mode Rejection
The INAx191 uses a capacitively coupled amplifier on the front end. Therefore, dc common-mode voltages are
blocked from downstream circuits, resulting in very high common-mode rejection. The common-mode rejection
of the INAx191 is 150 dB (typical). The ability to reject changes in the DC common-mode voltage allows the
INAx191 to monitor both high- and low-voltage rail currents with very little change in the offset voltage.
7.3.7 Rail-to-Rail Output Swing
The INAx191 supports linear current-sensing operation with the output close to the supply rail and ground. The
maximum specified output swing to the positive rail is VS – 40 mV, and the maximum specified output swing
to GND is only GND + 1 mV with –10 mV of differential overdrive. For cases where the sense current is zero,
the swing to ground is determined by the zero current output specification. The value of the zero current output
voltage can differ from the specified value depending on the common-mode voltage, supply voltage, and output
load. The close-to-rail output swing maximizes the usable output range, particularly when operating the device
from a 1.8-V supply.
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com