Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments INA191 Datasheet HTML 20Page - Texas Instruments INA191 Datasheet HTML 21Page - Texas Instruments INA191 Datasheet HTML 22Page - Texas Instruments INA191 Datasheet HTML 23Page - Texas Instruments INA191 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
7.4.3 Bidirectional Mode (INA2191 Only)
The INA2191 is a dual channel bidirectional current-sense amplifier capable of measuring currents through a
resistive shunt in two directions. This bidirectional monitoring is common in applications that include charging
and discharging operations where the current flowing through the resistor can change directions.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
ENABLE
GND
CBYPASS
0.1 µF
INA2191 (½)
Capacitively
Coupled
Amplifier
REF
Reference
Voltage
ISENSE
Figure 7-6. Bidirectional Application
The ability to measure this current flowing in both directions is achieved by applying a voltage to the REF pin, as
shown in Figure 7-6. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input
level state. The output then responds by increasing above VREF for positive differential signals (relative to the
IN– pin) and responds by decreasing below VREF for negative differential signals. This reference voltage applied
to the REF pin can be set anywhere between 0 V to VS. For bidirectional applications, VREF is typically set at
VS/2 for equal signal range in both current directions. In some cases, VREF is set at a voltage other than VS/2,
like when the bidirectional current and corresponding output signal do not need to be symmetrical.
7.4.4 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain (plus VREF for INA2191) exceeds the voltage swing
specification, the INAx191 drives the output as close as possible to the positive supply or ground, and does not
provide accurate measurement of the differential input voltage. If this input overload occurs during normal circuit
operation, then reduce the value of the shunt resistor or use a lower-gain version with the chosen sense resistor
to avoid this mode of operation. If a differential overload occurs in a fault event, then the output of the INAx191
returns to the expected value approximately 40 µs after the fault condition is removed. When the differential
voltage exceeds approximately 300 mV, the differential input impedance reduces to 3.3 kΩ, and results in a rapid
increase in bias currents as the differential voltage increases. A 3.3-kΩ resistance exists between IN+ and IN–
during a differential overload condition; therefore, currents flowing into the IN+ pin flow out of the IN– pin. An
increase in bias currents during a input differential overload occurs even with the device is powered down. Input
differential overloads less than the absolute maximum voltage rating do not damage the device or result in an
output inversion.
7.4.5 Shutdown
The INAx191 features an active-high ENABLE pin(s) that shuts down the device when pulled to ground. When
the device is shut down, the quiescent current is reduced to 10 nA per channel (typical), the input bias currents
are further reduced, and the disabled output goes to a high-impedance state. When disabled, the low quiescent
and input currents extend the battery lifetime when the current measurement is not needed. When the ENABLE
pin is driven above the enable threshold voltage, the device turns back on. When enabled, the typical output
settling time is 130 µs.
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com