Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments INA191 Datasheet HTML 20Page - Texas Instruments INA191 Datasheet HTML 21Page - Texas Instruments INA191 Datasheet HTML 22Page - Texas Instruments INA191 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
when the REF pin is connected to ground. The output voltage in this configuration only responds to currents
that develop negative differential input voltage relative to the device IN– pin. Under these conditions, when
the negative differential input signal increases, the output voltage moves downward from the saturated supply
voltage. The voltage applied to the REF pin must not exceed VS.
Another use for the REF pin in unidirectional operation is to level shift the output voltage. Figure 7-5 shows an
application where the device ground is set to a negative voltage so currents biased to negative supplies, as seen
in optical networking cards, can be measured. The GND of the INA2191 can be set to negative voltages, as
long as the inputs do not violate the common-mode range specification and the voltage difference between VS
and GND does not exceed 5.5 V. In this example, the output of the INA2191 is fed into a positive-biased ADC.
By grounding the REF pin, the voltages at the output will be positive and not damage the ADC. To make sure
the output voltage never goes negative, the supply sequencing must be the positive supply first, followed by the
negative supply.
+ 1.8 V
IN-
IN+
VS
OUT
+
±
-3.3 V
RSENSE
Capacitively
Coupled
Amplifier
ENABLE
INA2191 (½)
REF
GND
- 3.3 V
ADC
CBYPASS
0.1 µF
Load
Figure 7-5. Using the REF Pin to Level-Shift Output Voltage
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com