Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
7 Detailed Description
7.1 Overview
The INAx191 is a low bias current, 40-V common-mode, current-sensing amplifier with an enable pin. When
disabled, the output goes to a high-impedance state, and the supply current draw is reduced to less than 0.1
µA per channel. The INAx191 is intended for use in either low-side and high-side current-sensing configurations
where high accuracy and low current consumption are required. The INAx191 is a specially designed current-
sensing amplifier, that accurately measure voltages developed across current-sensing resistors on common-
mode voltages that far exceed the supply voltage. Current can be measured on input voltage rails as high as 40
V, with a supply voltage (VS) as low as 1.7 V.
7.2 Functional Block Diagram
IN±
IN+
GND
VS
OUT
+
±
ENABLE
+
±
±
+
INA191
Figure 7-1. INA191 Diagram
IN±1
IN+1
GND
VS
OUT1
+
±
ENABLE1
+
±
±
INA2191
REF1
IN±2
IN+2
OUT2
+
±
ENABLE2
+
±
±
+
REF2
+
Figure 7-2. INA2191 Diagram
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com