Electronic Components Datasheet Search
  English  ▼

X  

INA2191 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 26Page - Texas Instruments INA2191 Datasheet HTML 27Page - Texas Instruments INA2191 Datasheet HTML 28Page - Texas Instruments INA2191 Datasheet HTML 29Page - Texas Instruments INA2191 Datasheet HTML 30Page - Texas Instruments INA2191 Datasheet HTML 31Page - Texas Instruments INA2191 Datasheet HTML 32Page - Texas Instruments INA2191 Datasheet HTML 33Page - Texas Instruments INA2191 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Current Sense
Output Channel 1
VIA to Ground
Plane
CBYPASS
Connect to Supply
(1.7 V to 5.5 V)
IN+1
IN-1
VS
EN1
IN+2
EN2
IN-2
GND
REF1
OUT1
OUT2
REF2
VIA to Ground
Plane
Standard VIA
Filled VIA
RSHUNT1
RF1
(1)
RSHUNT2
CF2
(1)
RF2
(1)
Current Sense
Output Channel 2
Top Layer Trace
Bottom/Mid Layer Trace
(1) RF and CF components are optional in low noise/ripple environments.
RF2
(1)
CF1
(1)
RF1
(1)
Connect to GND for unidirectional
measurement or external reference
for bidirectional measurements.
Connect to external control if enable
feature is used. Connect to VS if enable is
not needed. Do not leave floating.
Figure 10-2. Recommended Layout Dual Channel DSBGA (YBJ) Package
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com