Electronic Components Datasheet Search
  English  ▼

X  

INA2191 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 23Page - Texas Instruments INA2191 Datasheet HTML 24Page - Texas Instruments INA2191 Datasheet HTML 25Page - Texas Instruments INA2191 Datasheet HTML 26Page - Texas Instruments INA2191 Datasheet HTML 27Page - Texas Instruments INA2191 Datasheet HTML 28Page - Texas Instruments INA2191 Datasheet HTML 29Page - Texas Instruments INA2191 Datasheet HTML 30Page - Texas Instruments INA2191 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
8.2 Typical Application
8.2.1 Microamp Current Measurement
The low input bias current of the INAx191 provides accurate monitoring of small-value currents. To accurately
monitor currents in the microamp range, increase the value of the sense resistor to increase the sense voltage
so that the error introduced by the offset voltage is small. The circuit configuration to monitor low-value currents
is shown in Figure 8-6. As a result of the differential input impedance of the INAx191, limit the value of RSENSE to
1 kΩ or less for best accuracy.
ENABLE
VS
OUT
REF
(1)
GND
IN+
IN±
LOAD
0.1 F
5 V
12 V
RSENSE ” 1 kO
INA191
INA2191 (½)
(1) REF pin only available on INA2191
Figure 8-6. Measuring Microamp Currents
8.2.1.1 Design Requirements
The design requirements for the circuit shown in Figure 8-6, are listed in Table 8-1
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
12 V
Minimum sense current (IMIN)
1 µA
Maximum sense current (IMAX)
150 µA
Device gain (GAIN)
25 V/V
Unidirectional Application
VREF = 0 V
8.2.1.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based on choice of gain, value of the maximum
current the be sensed (IMAX), and the power supply voltage (VS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. For the given design parameters,
the maximum value for RSENSE calculated in Equation 6 is 1.321 kΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(6)
However, because this value exceeds the maximum recommended value for RSENSE, a resistance value of 1
kΩ must be used. When operating at the minimum current value, IMIN the output voltage must be greater than
the swing to GND (VSN), specification. For this example, the output voltage at the minimum current (VOUTMIN)
calculated in Equation 7 is 25 mV, which is greater than the value for VSN.
OUTMIN
MIN
SENSE
V
I
R
GAIN
u
u
(7)
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com