Electronic Components Datasheet Search
  English  ▼

X  

INA2191 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 22Page - Texas Instruments INA2191 Datasheet HTML 23Page - Texas Instruments INA2191 Datasheet HTML 24Page - Texas Instruments INA2191 Datasheet HTML 25Page - Texas Instruments INA2191 Datasheet HTML 26Page - Texas Instruments INA2191 Datasheet HTML 27Page - Texas Instruments INA2191 Datasheet HTML 28Page - Texas Instruments INA2191 Datasheet HTML 29Page - Texas Instruments INA2191 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
8.1.4 Common-Mode Voltage Transients
With a small amount of additional circuitry, the INAx191 can be used in circuits subject to transients that exceed
the absolute maximum voltage ratings. The most simple way to protect the inputs from negative transients is
to add resistors in series to the IN– and IN+ pins. Use resistors that are 1 kΩ or less, and limit the current
in the ESD structures to less than 5 mA. For example, using 1-kΩ resistors in series with the INAx191 allows
voltages as low as –5 V, while limiting the ESD current to less than 5 mA. If protection from high-voltage or
more-negative, common-voltage transients is needed, use the circuits shown in Figure 8-4 and Figure 8-5. When
implementing these circuits, use only Zener diodes or Zener-type transient absorbers (sometimes referred to
as transzorbs); any other type of transient absorber has an unacceptable time delay. Start by adding a pair of
resistors as a working impedance for the Zener diode, as shown in Figure 8-4. Keep these resistors as small
as possible; most often, use around 100 Ω. Larger values can be used with an effect on gain that is discussed
in Section 8.1.3. This circuit limits only short-term transients; therefore, many applications are satisfied with a
100-Ω resistor along with conventional Zener diodes of the lowest acceptable power rating. This combination
uses the least amount of board space. These diodes can be found in packages as small as SOT-523 or
SOD-523.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
ENABLE
GND
< 1 k:
< 1 k:
CBYPASS
0.1 µF
TI Device
Capacitively
Coupled
Amplifier
Figure 8-4. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 8-5. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 8-4 and
Figure 8-5, the total board area required by the INA191 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an VSSOP-8 package.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
ENABLE
TI Device
GND
< 1 k:
< 1 k:
Transorb
CBYPASS
0.1 µF
Figure 8-5. Transient Protection Using a Single Transzorb and Input Clamps
For more information, see Current Shunt Monitor With Transient Robustness Reference Design.
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com