Electronic Components Datasheet Search
  English  ▼

X  

INA2191 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 6Page - Texas Instruments INA2191 Datasheet HTML 7Page - Texas Instruments INA2191 Datasheet HTML 8Page - Texas Instruments INA2191 Datasheet HTML 9Page - Texas Instruments INA2191 Datasheet HTML 10Page - Texas Instruments INA2191 Datasheet HTML 11Page - Texas Instruments INA2191 Datasheet HTML 12Page - Texas Instruments INA2191 Datasheet HTML 13Page - Texas Instruments INA2191 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Output Current (mA)
0
5
10
15
20
25
30
35
Vs
Vs-1
Vs-2
GND
GND+1
GND+2
D009
-40°C
25°C
125°C
VS = 5.0 V
Figure 6-13. Output Voltage Swing vs. Output
Current
Common-Mode Voltage (V)
0
5
10
15
20
25
30
35
40
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D024
VS = 5.0 V, VSENSE = 0 V
Figure 6-14. Input Bias Current vs. Common-Mode
Voltage
Common-Mode Voltage (V)
0
5
10
15
20
25
30
35
40
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D025
VENABLE = 0 V, VSENSE = 0 V
Figure 6-15. Input Bias Current vs. Common-Mode
Voltage (Shutdown)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-1
0
1
2
3
4
5
6
7
D026
VSENSE = 0 V
Figure 6-16. Input Bias Current vs. Temperature
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
25
30
35
40
45
50
55
60
65
70
D101
VS = 1.8V
VS = 3.3V
VS = 5V
VENABLE = VS
Figure 6-17. Quiescent Current vs. Temperature
(INA191)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
30
40
50
60
70
80
90
VS = 1.8V
VS = 3.3V
VS = 5V
Single channel enabled, VREF = VS /2
Figure 6-18. Quiescent Current vs. Temperature
(INA2191 )
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com