Electronic Components Datasheet Search
  English  ▼

X  

INA2191 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 10Page - Texas Instruments INA2191 Datasheet HTML 11Page - Texas Instruments INA2191 Datasheet HTML 12Page - Texas Instruments INA2191 Datasheet HTML 13Page - Texas Instruments INA2191 Datasheet HTML 14Page - Texas Instruments INA2191 Datasheet HTML 15Page - Texas Instruments INA2191 Datasheet HTML 16Page - Texas Instruments INA2191 Datasheet HTML 17Page - Texas Instruments INA2191 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
D105
-40qC
25qC
125qC
VS = 5.0 V, VENABLE = 0 V, A1, A2, A3 devices
Figure 6-37. Output Leakage vs. Output Voltage
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
D107
-40qC
25qC
125qC
VS = 5.0 V, VENABLE = 0 V, A4, A5 devices
Figure 6-38. Output Leakage vs. Output Voltage
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D040
-40qC
25qC
125qC
VS = 5.0 V, VENABLE = 0 V, VREF = 2.5 V, A1, A2, A3 devices
Figure 6-39. Output Leakage vs. Output Voltage
(INA2191)
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D048
25qC
-40qC
125qC
VS = 5.0 V, VENABLE = 0 V, VREF = 2.5 V, A4, A5 devices
Figure 6-40. Output Leakage vs. Output Voltage
(INA2191)
Frequency (Hz)
0.1
1
10
100
1000
5000
10
100
1k
10k
100k
1M
10M
A1
A2
A3
A4
A5
Gain Variants
A1
A2
A3
A4
A5
VS = 5.0 V, VCM = 0 V
Figure 6-41. Output Impedance vs. Frequency
Frequency (Hz)
60
80
100
120
140
160
10
100
1k
10k
100k
VS = 5.0 V, VCM = 0 V, VREF = VS /2
Figure 6-42. Channel Separation vs. Frequency
(INA2191)
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com