Electronic Components Datasheet Search
  English  ▼

X  

INA2191 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 8Page - Texas Instruments INA2191 Datasheet HTML 9Page - Texas Instruments INA2191 Datasheet HTML 10Page - Texas Instruments INA2191 Datasheet HTML 11Page - Texas Instruments INA2191 Datasheet HTML 12Page - Texas Instruments INA2191 Datasheet HTML 13Page - Texas Instruments INA2191 Datasheet HTML 14Page - Texas Instruments INA2191 Datasheet HTML 15Page - Texas Instruments INA2191 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Time (1 s/div)
D031
Figure 6-25. 0.1-Hz to 10-Hz Input-Referred Voltage
Noise
Time (20Ps/div)
0V
0V
D111
VS = 5.0 V, 10-mVPP input step
Figure 6-26. Step Response
Time (500 Ps/div)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
VCM
VOUT
Figure 6-27. Common-Mode Voltage Transient
Response
Time (20 Ps/div)
0V
D114
Inverting Input
Output
Figure 6-28. Inverting Differential Input Overload
Recovery
Time (20 Ps/div)
0 V
D113
Noninverting Input
Output
VS = 5.0 V
Figure 6-29. Noninverting Differential Input
Overload Recovery
Time (10Ps/div)
0 V
D108
Supply Voltage
Output Voltage
VS = 5.0 V, A2 device
Figure 6-30. Start-Up Response
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com