Electronic Components Datasheet Search
  English  ▼

X  

ADF4212LBRU Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 2Page - Analog Devices ADF4212LBRU Datasheet HTML 3Page - Analog Devices ADF4212LBRU Datasheet HTML 4Page - Analog Devices ADF4212LBRU Datasheet HTML 5Page - Analog Devices ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices ADF4212LBRU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
ADF4212L
–6–
–Typical Performance Characteristics
0
–5
–10
–15
–20
–25
–30
0
500
1000
1500
2000
FREQUENCY – MHz
2500
3000
VDD = 3 V
VP = 5 V
TPC 1. Input Sensitivity (RF Input)
0
–5
–10
–15
–20
–25
–30
0
500
1000
1500
FREQUENCY – MHz
–35
VDD = 3 V
VP = 5 V
TPC 2. Input Sensitivity (IF Input)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2k
–1k
1.75G
1k
2k
FREQUENCY – Hz
REFERENCE
LEVEL = –3.2dBm
VDD = 3V,VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 22
–84.2dBc/Hz
TPC 3. Phase Noise, RF Side (1750 MHz, 200 kHz, 20 kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–400k
–200k
1.75G
200k
400k
REFERENCE
LEVEL = –3.0dBm
VDD = 3V,VP = 5V
ICP = 5mA
PFD FREQUENCY =
200kHz
LOOP BANDWIDTH =
20kHz
RES. BANDWIDTH = 1Hz
VIDEO BANDWIDTH = 1Hz
SWEEP = 2.5 SECONDS
AVERAGES = 20
–85.9dB
FREQUENCY – Hz
TPC 4. Reference Spurs, RF Side (1750 MHz, 200 kHz, 20 kHz)
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
100Hz
1MHz
FREQUENCY OFFSET
FROM 1.75GHz CARRIER
1.38” rms
10dB/DIV
rms NOISE =
1.38 DEGREES
RL = –50dBc/Hz
TPC 5. Integrated Phase Noise (1750 MHz, 200 kHz/20 kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2k
–1k
540M
1k
2k
REFERENCE
LEVEL = –4.3dBm
VDD = 3V,VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 22
–88.8dBc/Hz
FREQUENCY – Hz
TPC 6. Phase Noise, IF Side (540 MHz, 200 kHz/20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com