Electronic Components Datasheet Search
  English  ▼

X  

ADF4212LBRU Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 12Page - Analog Devices ADF4212LBRU Datasheet HTML 13Page - Analog Devices ADF4212LBRU Datasheet HTML 14Page - Analog Devices ADF4212LBRU Datasheet HTML 15Page - Analog Devices ADF4212LBRU Datasheet HTML 16Page - Analog Devices ADF4212LBRU Datasheet HTML 17Page - Analog Devices ADF4212LBRU Datasheet HTML 18Page - Analog Devices ADF4212LBRU Datasheet HTML 19Page - Analog Devices ADF4212LBRU Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
ADF4212L
–18–
Wideband PLL
Many of the wireless applications for synthesizers and VCOs in
PLLs are narrow-band in nature. These applications include the
various wireless standards like GSM, DSC1800, CDMA, or
WCDMA. In each of these cases, the total tuning range for the
local oscillator is less than 100 MHz. However, there are also
wideband applications where the local oscillator could have up
to an octave tuning range. For example, cable television tuners
have a total range of about 400 MHz. Figure 8 shows an appli-
cation where the ADF4212L is used to control and program the
Micronetics M3500-1324. The loop filter was designed for an
RF output of 2100 MHz, a loop bandwidth of 40 kHz, a PFD
frequency of 1 MHz, ICP of 10 mA (2.5 mA synthesizer ICP
multiplied by the gain factor of 4), VCO KD of 80 MHz/V (sen-
sitivity of the M3500-1324 at an output of 2100 MHz) and a
phase margin of 45 degrees.
REFIN
RFIN
MUXOUT
RSET
VP1VP2
VDD2
VDD1
ADF4212L
SPI COMPATIBLE SERIAL BUS
CLK
DATA
LE
1000pF
1000pF
51
FREFIN
VDD
VP
2.7k
LOCK
DETECT
100pF
51
CPRF
AD820
20k
3.9nF
27nF
470
130pF
1k
20V
3k
V_TUNE
M3500-1324
GND
VCC
OUT
100pF 18
18
18
100pF
RFOUT
DECOUPLING CAPACITORS ON V DD, VP OF THE ADF4212L, ON V CC OF THE AD820 AND ON
VCC OF THE M3500-2250 HAVE BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
THE IF SECTION OF THE CIRCUIT HAS ALSO BEEN OMITTED TO SIMPLIFY THE SCHEMATIC.
12V
Figure 8. Wideband PLL Circuit
In narrow-band applications, there is generally a small variation
in output frequency (generally less than 10%) and also a small
variation in VCO sensitivity over the range (typically <10%).
However in wideband applications both of these parameters
have a much greater variation. Variations in these parameters will
change the loop bandwidth. This in turn can affect stability
and lock time. By changing the programmable ICP, it is possible
to get compensation for these varying loop conditions and ensure
that the loop is always operating close to optimal conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com