Electronic Components Datasheet Search
  English  ▼

X  

ADF4212LBRU Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 10Page - Analog Devices ADF4212LBRU Datasheet HTML 11Page - Analog Devices ADF4212LBRU Datasheet HTML 12Page - Analog Devices ADF4212LBRU Datasheet HTML 13Page - Analog Devices ADF4212LBRU Datasheet HTML 14Page - Analog Devices ADF4212LBRU Datasheet HTML 15Page - Analog Devices ADF4212LBRU Datasheet HTML 16Page - Analog Devices ADF4212LBRU Datasheet HTML 17Page - Analog Devices ADF4212LBRU Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
ADF4212L
–14–
RF R COUNTER LATCH
Table V. RF R Counter Latch Map
15-BIT RF REFERENCE COUNTER
CONTROL
BITS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
C1 (0)
C2 (1)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
P10
P11
P12
P9
RF CP CURRENT
SETTING
DB23
RFCP2
DB22
RFCP1
DB21
RFCP0
R15
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
0
0
0
1
.
.
.
1
1
1
1
0
1
1
0
.
.
.
0
0
1
1
1
0
1
0
.
.
.
0
1
0
1
1
2
3
4
.
.
.
32764
32765
32766
32767
R15
R14
R13
..........
R3
R2
R1
DIVIDE RATIO
0
1
NEGATIVE
POSITIVE
P9
RF PD POLARITY
0
1
NORMAL
THREE-STATE
P10
RF CHARGE
PUMP OUTPUT
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
LOGIC LOW STATE
IF ANALOG LOCK DETECT
IF REFERENCE DIVIDER OUTPUT
IF N DIVIDER OUTPUT
RF ANALOG LOCK DETECT
RF/IF ANALOG LOCK DETECT
IF DIGITAL LOCK DETECT
LOGIC HIGH STATE
RF REFERENCE DIVIDER OUTPUT
RF N DIVIDER OUTPUT
THREE-STATE OUTPUT
IF COUNTER RESET
RF DIGITAL LOCK DETECT
RF/IF DIGITAL LOCK DETECT
RF COUNTER RESET
IF AND RF COUNTER RESET
P12
P11
P4
P3
MUXOUT
FROM IF R LATCH
0
0
0
0
1
1
1
1
RFCP2
0
0
1
1
0
0
1
1
RFCP1
0
1
0
1
0
1
0
1
RFCP0
ICP (mA)
1.5k
1.1250
2.2500
3.3750
4.5000
5.6250
6.7500
7.7875
9.0000
2.7k
0.625
1.250
1.875
2.500
3.125
3.750
4.375
5.000
5.6k
0.301
0.602
0.904
1.205
1.506
1.808
2.109
2.411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com