Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS2152 Datasheet HTML 10Page - Maxim Integrated Products DS2152 Datasheet HTML 11Page - Maxim Integrated Products DS2152 Datasheet HTML 12Page - Maxim Integrated Products DS2152 Datasheet HTML 13Page - Maxim Integrated Products DS2152 Datasheet HTML 14Page - Maxim Integrated Products DS2152 Datasheet HTML 15Page - Maxim Integrated Products DS2152 Datasheet HTML 16Page - Maxim Integrated Products DS2152 Datasheet HTML 17Page - Maxim Integrated Products DS2152 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
DS2152
14 of 97
2.4 Line Interface Pins
PIN
NAME
FUNCTION
21
MCLK
Master Clock Input. A 1.544MHz (±50ppm) clock source with TTL levels is applied at
this pin. This clock is used internally for both clock/data recovery and for jitter
attenuation. A quartz crystal of 1.544MHz may be applied across MCLK and XTALD
instead of the TTL level clock source.
22
XTALD
Quartz Crystal Driver. A quartz crystal of 1.544MHz may be applied across MCLK
and XTALD instead of a TTL level clock source at MCLK. Leave open circuited if a
TTL clock source is applied at MCLK.
13
8XCLK
Eight Times Clock. A 12.352MHz clock that is frequency locked to the 1.544MHz
clock provided from the clock/data recovery block (if the jitter attenuator is enabled on
the receive side) or from the TCLKI pin (if the jitter attenuator is enabled on the transmit
side). Can be internally disabled via the TEST2 register if not needed.
12
LIUC
Line Interface Connect. Tie low to separate the line interface circuitry from the
framer/formatter circuitry and activate the TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/
RCLKI pins. Tie high to connect the line interface circuitry to the framer/formatter
circuitry and deactivate the TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins. When
LIUC is tied high, the TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins should be
tied low.
16, 17
RTIP,
RRING
Receive Tip and Ring. Analog inputs for clock recovery circuitry. These pins connect
via a 1:1 transformer to the T1 line. See Section 15 for details.
29, 32
TTIP,
TRING
Transmit Tip and Ring. Analog line driver outputs. These pins connect via a 1:1.15 or
1:1.36 step-up transformer to the T1 line. See Section 15 for details.
2.5 Supply Pins
PIN
NAME
FUNCTION
44, 61,
81, 83
DVDD
Digital Positive Supply. 5.0V ±5%. Should be tied to the RVDD and TVDD pins.
18
RVDD
Receive Analog Positive Supply. 5.0V ±5%. Should be tied to the DVDD and TVDD
pins.
31
TVDD
Transmit Analog Positive Supply. 5.0V ±5%. Should be tied to the RVDD and DVDD
pins.
45, 60,
80, 84
DVSS
Digital Signal Ground. Should be tied to the RVSS and TVSS pins.
19, 20,
24
RVSS
Receive Analog Signal Ground. 0V. Should be tied to the DVSS and TVSS pins.
30
TVSS
Transmit Analog Ground. 0V. Should be tied to the RVSS and DVSS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com