Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS2152 Datasheet HTML 38Page - Maxim Integrated Products DS2152 Datasheet HTML 39Page - Maxim Integrated Products DS2152 Datasheet HTML 40Page - Maxim Integrated Products DS2152 Datasheet HTML 41Page - Maxim Integrated Products DS2152 Datasheet HTML 42Page - Maxim Integrated Products DS2152 Datasheet HTML 43Page - Maxim Integrated Products DS2152 Datasheet HTML 44Page - Maxim Integrated Products DS2152 Datasheet HTML 45Page - Maxim Integrated Products DS2152 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
DS2152
42 of 97
MOSCR1: MULTIFRAMES OUT OF SYNC COUNT REGISTER 1
(Address = 25 Hex)
MOSCR2: MULTIFRAMES OUT OF SYNC COUNT REGISTER 2
(Address = 27 Hex)
(MSB)
(LSB)
MOS/FB
11
MOS/FB
10
MOS/FB
9
MOS/FB
8
(Note 1)
(Note 1)
(Note 1)
(Note 1)
MOSCR
1
MOS/FB
7
MOS/FB
6
MOS/FB
5
MOS/FB
4
MOS/FB
3
MOS/FB
2
MOS/F
B1
MOS/FB
0
MOSCR
2
SYMBOL
POSITION
NAME AND DESCRIPTION
MOS/FB11
MOSCR1.7
MSB of the 12-Bit Multiframes Out of Sync or F-Bit Error Count
(Note 2)
MOS/FB0
MOSCR2.0
LSB of the 12-Bit Multiframes Out of Sync or F-Bit Error Count
(Note 2)
Note 1: The lower nibble of the counter at address 25 is used by the Path Code Violation Count Register.
Note 2: MOSCR counts either errors in framing bit position (RCR2.0 = 0) or the number of multiframes out of sync (RCR2.0 = 1).
Table 6-3. Multiframes Out of Sync Counting Arrangements
FRAMING MODE
(CCR2.3)
COUNT MOS OR F-BIT
ERRORS (RCR2.0)
WHAT IS COUNTED IN THE
MOSCRs
D4
MOS
Number of multiframes out of sync
D4
F-Bit
Errors in the Ft pattern
ESF
MOS
Number of multiframes out of sync
ESF
F-Bit
Errors in the FPS pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com