Electronic Components Datasheet Search
  English  ▼

X  

ADM1272 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1272
Description  High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1272 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1272 Datasheet HTML 35Page - Analog Devices ADM1272 Datasheet HTML 36Page - Analog Devices ADM1272 Datasheet HTML 37Page - Analog Devices ADM1272 Datasheet HTML 38Page - Analog Devices ADM1272 Datasheet HTML 39Page - Analog Devices ADM1272 Datasheet HTML 40Page - Analog Devices ADM1272 Datasheet HTML 41Page - Analog Devices ADM1272 Datasheet HTML 42Page - Analog Devices ADM1272 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Data Sheet
ADM1272
Rev. B | Page 39 of 57
Multiple Devices on Bus
When there are multiple devices on the bus, the processor issues
an SMBus alert response address (ARA) command to find out
which device asserted the SMBus alert line. The processor reads the
status bytes from that device and issues a CLEAR_FAULTS
command.
SMBUS ALERT RESPONSE ADDRESS
The SMBus ARA is a special address that can be used by the
bus host to locate any devices that must communicate with the
bus host. A host typically uses a hardware interrupt pin to
monitor the SMBus alert pins of multiple devices. When the
host interrupt occurs, the host issues a message on the bus
using the SMBus receive byte or receive byte with PEC
protocol.
The special address used by the host is 0x0C. Any devices that
have an SMB alert signal return their own 7-bit address as the
seven MSBs of the data byte. The LSB value is not used and can
be either 1 or 0. The host reads the device address from the
received data byte and proceeds to handle the alert condition.
More than one device can have an active SMB alert signal and
attempt to communicate with the host. In this case, the device
with the lowest address dominates the bus and succeeds in
transmitting its address to the host. The device that succeeds
disables its SMBus alert signal. If the host sees that the SMBus alert
signal is still low, it continues to read addresses until all devices that
must communicate have transmitted their addresses.
EXAMPLE USE OF SMBus ARA
The full sequence of steps that occurs when an SMBus alert is
generated and cleared is as follows:
1.
A fault or warning is enabled using the ALERT2_CONFIG
command, and the corresponding status bit for the fault or
warning changes from 0 to 1, indicating that the fault or
warning has just become active.
2.
The GPO2/ALERT2 pin becomes active (set low) to signal
that an SMBus alert is active.
3.
The host processor issues an SMBus ARA command to
determine which device has an active alert.
4.
If there are no other active alerts from devices with lower
I2C addresses, this device makes the GPO2/ALERT2 pin
inactive (set high) during the no acknowledge bit period
after it sends its address to the host processor.
5.
If the GPO2/ALERT2 pin stays low, the host processor
must continue to issue SMBus ARA commands to devices
to determine the addresses of all devices that require a
status check.
6.
The ADM1272 continues to operate with the GPO2/ALERT2
pin inactive and the contents of the status bytes unchanged
until the host reads the status bytes and clears them, or
until a new fault occurs. If a status bit for a fault/warning
that is enabled on the GPO2/ALERT2 pin and that was not
already active (equal to 1) changes from 0 to 1, a new alert
is generated, causing the GPO2/ALERT2 pin to become
active again.
DIGITAL COMPARATOR MODE
The GPO1/ALERT1/CONV and GPO2/ALERT2 pins can be
configured to indicate if a user defined threshold for voltage,
current, power, or temperature is exceeded. In this mode, the
output pin is live and is not latched when a warning threshold
is exceeded. In effect, the pin acts as a digital comparator, where
the threshold is set using the warning limit threshold commands.
The ALERTx_CONFIG command is used, similar to the SMBus
alert configuration, to select the specific warning threshold to be
monitored. The GPO1/ALERT1/CONV or GPO2/ALERT2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com