Electronic Components Datasheet Search
  English  ▼

X  

ADM1272 Datasheet(PDF) 42 Page - Analog Devices

Part # ADM1272
Description  High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1272 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADM1272 Datasheet HTML 38Page - Analog Devices ADM1272 Datasheet HTML 39Page - Analog Devices ADM1272 Datasheet HTML 40Page - Analog Devices ADM1272 Datasheet HTML 41Page - Analog Devices ADM1272 Datasheet HTML 42Page - Analog Devices ADM1272 Datasheet HTML 43Page - Analog Devices ADM1272 Datasheet HTML 44Page - Analog Devices ADM1272 Datasheet HTML 45Page - Analog Devices ADM1272 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
ADM1272
Data Sheet
Rev. B | Page 42 of 57
INPUT VOLTAGE UNDERVOLTAGE WARNING LIMIT REGISTER
Address: 0x58, Reset: 0x0000, Name: VIN_UV_WARN_LIMIT
This command sets the undervoltage warning limit for the VIN voltage, measured on the SENSE+ pin.
Table 19. Bit Descriptions for VIN_UV_WARN_LIMIT
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Always reads as 0000.
0x0
RESERVED
[11:0]
VIN_UV_WARN_LIMIT
Undervoltage warning threshold for the VIN voltage, measured on
the SENSE+ pin. Expressed in direct format.
0x000
RW
OVERPOWER WARNING LIMIT REGISTER
Address: 0x6B, Reset: 0x7FFF, Name: PIN_OP_WARN_LIMIT
This command sets the overpower warning limit for the power calculated based on VIN × IOUT.
Table 20. Bit Descriptions for PIN_OP_WARN_LIMIT
Bits
Bit Name
Settings
Description
Reset
Access
15
RESERVED
Always reads as 0.
0x0
RESERVED
[14:0]
PIN_OP_WARN_LIMIT
Overpower warning threshold for the VIN × IOUT power calculation,
expressed in direct format.
0x7FFF
RW
STATUS BYTE REGISTER
Address: 0x78, Reset: 0x00, Name: STATUS_BYTE
This command provides status information for critical faults and certain top level status commands in the device. STATUS_BYTE is also
the lower byte returned by STATUS_WORD. A bit set to 1 indicates a fault or warning occurred.
Table 21. Bit Descriptions for STATUS_BYTE
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Always reads as 0.
0x0
RESERVED
6
HOTSWAP_OFF
Hot swap gate is off. This bit is live.
0x0
R
0
The hot swap gate drive output is enabled.
1
The hot swap gate drive output is disabled, and the GATE pin is
pulled down. This can be due to, for example, an overcurrent fault
that causes the device to latch off, an undervoltage condition on
the UV pin, or the use of the OPERATION command to turn the
output off.
5
RESERVED
Always reads as 0.
0x0
RESERVED
4
IOUT_OC_FAULT
IOUT overcurrent fault. This bit is latched.
0x0
R
0
No overcurrent output fault detected.
1
The hot swap controller determined that the FET may be
overheating due to trying to current limit, causing the hot swap
gate drive to shut down.
3
VIN_UV_FAULT
VIN fault. This bit is latched.
0x0
R
0
No undervoltage input fault detected on the UVL/UVH pins.
1
An undervoltage input fault was detected on the UVL/UVH pins.
2
TEMP_FAULT
Temperature fault or warning. This bit is live.
0x0
R
0
There are no active status bits to be read by STATUS_TEMPERATURE.
1
There are one or more active status bits to be read by
STATUS_TEMPERATURE.
1
CML_FAULT
None of the above. This bit is latched.
0x0
R
0
No communications error detected on the I2C/PMBus interface.
1
An error was detected on the I2C/PMBus interface. Errors detected
are unsupported command, invalid PEC byte, and incorrectly
structured message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com