Electronic Components Datasheet Search
  English  ▼

X  

ADM1272 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1272
Description  High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1272 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1272 Datasheet HTML 9Page - Analog Devices ADM1272 Datasheet HTML 10Page - Analog Devices ADM1272 Datasheet HTML 11Page - Analog Devices ADM1272 Datasheet HTML 12Page - Analog Devices ADM1272 Datasheet HTML 13Page - Analog Devices ADM1272 Datasheet HTML 14Page - Analog Devices ADM1272 Datasheet HTML 15Page - Analog Devices ADM1272 Datasheet HTML 16Page - Analog Devices ADM1272 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Data Sheet
ADM1272
Rev. B | Page 13 of 57
Pin No.
Mnemonic
Description
4
ESTART
FET Energy Tracking During Power-Up. This pin approximates the energy in the FET during
power-up. The user can place a component network between the ESTART pin and ground that
allows the pin voltage to be proportional to the predicted MOSFET junction temperature. If the
voltage on the pin exceeds a threshold (1 V), the FET is deemed to be running too close to its
SOA and is turned off. This setting assumes lower current limits and greater SOA capability.
5
EFAULT
FET Energy Tracking During Normal Operation. This pin approximates the energy in the FET
when faults occur during normal operation. The user can place a component network between
the EFAULT pin and ground that allows the pin voltage to be proportional to the predicted
MOSFET junction temperature. If the voltage on the pin exceeds a threshold (1 V), the FET is
deemed to be running too close to its SOA and is turned off. This setting assumes higher current
limits and lesser SOA capability. Considerations must be made if varying ISET with VIN/VOUT when
assuming constant current limits.
6
ENABLE
Enable Input. This pin is a digital logic input. This input must be high to allow the ADM1272 hot
swap controller to begin a power-up sequence. If this pin is held low, the ADM1272 is prevented
from powering up.
7, 8
ADR0, ADR1
PMBus Address. These pins can be tied to GND, tied to VCAP, left floating, or tied low through a
resistor for a total of 16 unique PMBus device addresses (see the Device Addressing section).
9
SCL
Serial Clock Pin. SCL is an open-drain input. It requires an external pull-up resistor.
10
SDAI
PMBus Serial Data Input. The serial data is split into an input and an output for easy use with
isolators.
11
SDAO
PMBus Serial Data Output. The serial data is split into an input and an output for easy use with
isolators.
12
MCB
Mask Circuit Breaker. When the voltage on this pin is greater than the threshold, the SOC
shutdown is disabled. The function returns immediately after the voltage returns below this
threshold.
13
GPIO2/ALERT2
General-Purpose Digital Input/Output 2 (GPIO2).
Alert (ALERT2). This pin can be configured to generate an alert signal when one or more fault or
warning conditions are detected. It is also possible to read the state of this pin on the PMBus.
This pin defaults to an alert output at power-up. There is no internal pull-up circuit.
14
GPIO1/ALERT1/CONV
General-Purpose Digital Input/Output 1 (GPIO1).
Alert (ALERT1). This pin can be configured to generate an alert signal when one or more fault or
warning conditions are detected.
Conversion (CONV). This pin can be used as an input signal to control when a power monitor
ADC sampling cycle begins. It is also possible to read the state of this pin on the PMBus.
This pin defaults to an alert output at power-up. There is no internal pull-up circuit on this pin.
15
FAULT
Fault. This pin asserts low and latches when a fault occurs. The faults that can trigger this pin are
an OC fault resulting in the EFAULT/ESTART threshold, an overtemperature fault, or a FET health
fault.
16
RESTART
Falling Edge Triggered Automatic Restart. The gate remains off for 10 sec by default, and then
powers back on. The device has an internal weak pull-up circuit to VCAP. This pin is also used to
configure the desired retry scheme. See the Hot Swap Retry section for additional details. The
default time for this function is 10 sec. However, this time can be adjusted from 0.1 sec to
25.6 sec by writing to the RESTART_TIME register.
17
PWRGD
Power-Good Signal. This pin indicates that the supply is within tolerance (PWGIN input), no
faults are detected, and the ADM1272 hot swap is enabled with the gate fully enhanced.
18
PWGIN
Power-Good Input Threshold. This pin sets the power-good input threshold. The user can set an
accurate power-good threshold with a resistor divider from the source of the FET (VOUT). The
PWRGD output signal is not asserted until the output voltage is above the threshold set by PWGIN.
19
GND
Ground.
20 to 24
NC
No Connect. The NC pins are not required to be connected, but do have internal connections.
They share the same electrical node internally to the EPVCC pad and can therefore be used as a
thermal exit route from EPVCC on the same outer layer and same electrical connection as
EPVCC.
25 to 28, 33 to
37, 40
DNC
Do Not Connect. The DNC pins must not be connected to any electrical signal, GND, or supply
voltage. Any connect copper must be electrically isolated and appropriately spaced from other
nodes, which allows compliance with IPC-9592 recommendations for 80 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com