Electronic Components Datasheet Search
  English  ▼

X  

ADM1272 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1272
Description  High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1272 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1272 Datasheet HTML 17Page - Analog Devices ADM1272 Datasheet HTML 18Page - Analog Devices ADM1272 Datasheet HTML 19Page - Analog Devices ADM1272 Datasheet HTML 20Page - Analog Devices ADM1272 Datasheet HTML 21Page - Analog Devices ADM1272 Datasheet HTML 22Page - Analog Devices ADM1272 Datasheet HTML 23Page - Analog Devices ADM1272 Datasheet HTML 24Page - Analog Devices ADM1272 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Data Sheet
ADM1272
Rev. B | Page 21 of 57
RSENSE
Q1
SENSE–
GND
GATE
VCC
SENSE+
ADM1272
OVER-
CURRENT
REFERENCE
×40
+
+
–
–
Figure 34. Hot Swap Current Sense Amplifier
The SENSE± inputs can be connected to multiple parallel
sense resistors. The way the sense points of these resistors are
combined has a significant effect on the accuracy of the voltage
drop detected by the ADM1272.
To achieve better accuracy, averaging resistors can be used to sum
the voltages from the nodes of each sense resistor, as shown in
Figure 35. A typical value for the averaging resistors is 10 Ω,
enough to be significantly greater than the trace resistance. The
input current to each sense pin is matched to within 5 μA. This
matching ensures that the same offset is observed by both sense
inputs, reducing differential errors.
Q1
SENSE–
GND
GATE
VCC
SENSE+
BIAS
CURRENT
VIN
Figure 35. Connection of Multiple Sense Resistors to the SENSE± Pins
CURRENT-LIMIT MODES
The ADM1272 features dual current limits, one for startup
(ISTART) and one for normal operation (ISET). At startup, the
ISTART pin determines the current limit used during power-up.
This dual current limit allows users to program an independent
current limit at startup, specific to the conditions of the start-
up profile and expectations. After startup is complete, the
system switches to the main current limit determined by ISET.
The conditions that must be satisfied for this switch to occur
are as follows:
The system is not in current limit.
(VOUT − VIN) < 2 V.
The gate voltage is fully enhanced (VGS > 10 V).
The system remains at the normal current limit (ISET) unless there
is an interruption triggered by an OV, UV, or manual shutdown
(enable, restart, or PMBus command) and this interruption
results in VDS > 2 V and inactive PWRGD. If this interruption
occurs, the system resets to ISTART and assumes a full system
restart. For this reset to happen, a shutdown must be signaled
with enough time to allow the gate to disable the FETs and the
output to discharge. However, the system remains in ISET
current limit following an OC fault to allow a recovery attempt.
If the system cannot recover, a latchoff occurs and ISTART
assumes control at the next startup.
SETTING THE CURRENT LIMITS (ISET/ISTART)
The current limit is typically determined by selecting a sense
resistor to match the current sense voltage limit on the controller
for the desired load current. However, as currents become larger,
the sense resistor requirements become smaller, and resolution
can be difficult to achieve when selecting the appropriate sense
resistor or combination thereof. The ADM1272 provides
adjustable current sense voltage limits to manage this issue. The
device allows the user to program the required current sense
voltage limits independently up to 30 mV. The recommended
range is 2.5 mV to 30 mV, although tolerances and errors increase
as VSENSECL decreases.
In conjunction with the sense resistor, the current-limit
reference voltage determines the load current level to which the
ADM1272 limits the current during an overcurrent event. This
reference voltage is compared to the amplified current sense
voltage to determine whether the limit is reached.
The active current-limit reference voltage input to the internal
comparator is clamped to a minimum level of 100 mV (that is,
VSENSECL = 2.5 mV) to prevent current limits being set too low,
which may result in zero current flow across all conditions.
The current limit set by the ISET/ISTART pins is the current at
which the ADM1272 tries to regulate when the load requires
more current. This current limit, defined by the reference to the
current control loop, is the regulation current limit or IREG
(VSENSECL at the sense voltage).
Another current-limit threshold just below IREG that alerts the
ADM1272 when the current limit is reached and is active, is the
circuit breaker current limit or ICB (VCB at sense voltage). VCB
can be expressed at the sense pins (in mV) as follows:
VCB = VSENSECL − VCBOS
where VCBOS is the circuit breaker offset and is listed in Table 1
as 1.1 mV (typical).
ISTART
The ISTART pin sets the start-up current limit in start-up mode
using a divider from the VCAP pin, or if pulled up to VCAP
with a 10 kΩ resistor, an internal 1 V threshold is used (25 mV).
The VCAP pin has a 2.7 V internal regulated voltage that can
be used as a reference to set a voltage at the ISTART pin.
Assuming that VISTART equals the voltage on the ISTART pin,
size the resistor divider to set the ISTART voltage as follows:
VISTART = VSENSECL × 40
where VSENSECL is the current sense voltage limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com