Electronic Components Datasheet Search
  English  ▼

X  

ADM1272 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1272
Description  High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1272 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1272 Datasheet HTML 7Page - Analog Devices ADM1272 Datasheet HTML 8Page - Analog Devices ADM1272 Datasheet HTML 9Page - Analog Devices ADM1272 Datasheet HTML 10Page - Analog Devices ADM1272 Datasheet HTML 11Page - Analog Devices ADM1272 Datasheet HTML 12Page - Analog Devices ADM1272 Datasheet HTML 13Page - Analog Devices ADM1272 Datasheet HTML 14Page - Analog Devices ADM1272 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Data Sheet
ADM1272
Rev. B | Page 11 of 57
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VCC, SENSE± to GND
−0.3 V to +120 V
VΔSENSE (SENSE+ − SENSE−)
−1 V to +1 V
VOUT to GND
−5 V to +120 V
VCP to GND
−0.3 V to (VOUT + 12 V) or
(VCC + 15 V), whichever is lower
GATE (Internal Supply Only)1 to
GND
(VOUT − 0.3 V) to (VCP + 0.3 V)
DVDT to GND
(VOUT − 0.3 V) to (GATE + 0.3 V)
UVH, UVL, OV, MCB to GND
−0.3 V to +6.5 V
ISTART, ISET, VCAP to GND
−0.3 V to +4 V
ESTART, EFAULT, TEMP+ to GND
−0.3 V to VCAP + 0.3 V
VREG (Internal Supply Only) to
GND
−0.3 V to +5.5 V
FAULT, RESTART to GND
−0.3 V to +20 V
PWGIN, SCL, SDAO, SDAI, ADR0,
ADR1 to GND
−0.3 V to +6.5 V
RND to GND
−0.3 V to VCAP + 0.3 V
ENABLE, GPIO1/ALERT1/CONV,
GPIO2/ALERT2, PWRGD to GND
−0.3 V to +20 V
TEMP− Pin to GND (Internally
Connected to GND)
0 V
Continuous Current into Any Pin
±10 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature, Soldering
(10 sec)
300°C
Junction Temperature
125°C
1 The GATE pin has internal clamping circuits to prevent the GATE pin voltage
from exceeding the maximum ratings of a MOSFET with a gate to source
voltage (VGSMAX) = 20 V and internal process limits. Applying a voltage source
to this pin externally may cause irreversible damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL CHARACTERISTICS
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-48-181
Still Air
50
0.5
°C/W
2 m/sec Air Flow
40
1
°C/W
1 The thermal resistance values are based on JEDEC 2S2P test conditions.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com