Electronic Components Datasheet Search
  English  ▼

X  

LTC2949 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2949
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2949 Datasheet(HTML) 4 Page - Analog Devices

  LTC2949 Datasheet HTML 1Page - Analog Devices LTC2949 Datasheet HTML 2Page - Analog Devices LTC2949 Datasheet HTML 3Page - Analog Devices LTC2949 Datasheet HTML 4Page - Analog Devices LTC2949 Datasheet HTML 5Page - Analog Devices LTC2949 Datasheet HTML 6Page - Analog Devices LTC2949 Datasheet HTML 7Page - Analog Devices LTC2949 Datasheet HTML 8Page - Analog Devices LTC2949 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
LTC2949
4
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VAVCC
Analog Supply Voltage
l
4.5
14
V
VDVCC
Digital Supply Voltage
l
4.5
14
V
VUVLO
Supply Undervoltage Lockout Threshold
VAVCC, VDVCC Falling
l
4.5
V
ICC
Average Supply Current into AVCC and DVCC
Core State: STANDBY or MEASURE
l
16
20
mA
Core State: SLEEP
9
15
µA
Core State: SLEEP
l
150
µA
Additional DVCC Supply Current if isoSPI in
READY/ACTIVE States
Note: ACTIVE State Current Assumes tCLK = 1μs,
(Note 5)
RB1 + RB2 = 2k
READY
l
4.8
5.8
mA
ACTIVE
l
6.1
7.8
mA
RB1 + RB2 = 20k
READY
l
2.1
3
mA
ACTIVE
l
2.5
3.5
mA
VBYP1
BYP1 Regulated Output Voltage
l
2.25
2.5
2.75
V
BYP1 Load Current
l
–10
0
mA
BYP1 Load Regulation Error
ILOAD = –10mA
l
–15
0
mV
BYP1 Undervoltage Lockout Threshold
l
2.25
V
VBYP2
BYP2 Regulation Output Voltage
l
3
3.25
3.6
V
BYP2 Load Current
l
–10
0
mA
BYP2 Load Regulation Error
ILOAD = –10mA
l
–60
mV
Thermal Shutdown Temperature
170
°C
Current Sense ADC
Resolution (No Missing Codes)
Slow Mode Filtered (Note 7)
l
20
Bit
Slow Mode (Note 7)
l
18
Bit
Fast Mode (Note 7)
l
15
Bit
Full-Scale Differential Input Voltage
VI1P-VI1M, VI2P-VI2M
±124
mV
VDIFI
Differential Input Voltage Range
VI1P-VI1M, VI2P-VI2M
l
±110
mV
Pin Voltage of I1P, I1M, I2P, I2M
l
–0.11
VAVCC+0.11
V
Current Sense Quantization Step
Slow Mode Filtered
237.5
nV
Slow Mode
950
nV
Fast Mode
7.60371
µV
CFPx
Input Leakage Current at CF1P, CF1M, I1P,
I1M, CF2P, CF2M, I2P, I2M
Core State = SLEEP/STANDBY
l
60
nA
Differential Input Current from CF1P to CF1M,
CF2P to CF2M
Core State: MEASURE; Pin Voltages: 0V ≤
VCF1P, VCF1M, VI1P, VI1M, VCF2P, VCF2M,
VI2P, VI2M ≤ VAVCC
VDIFI/100kΩ
µA
Noise
Slow Mode Filtered
160
nVRMS
Slow Mode
320
nVRMS
Fast Mode
3
µVRMS
Gain Error
|VDIFI| ≤ 110mV
0.15
%
l
0.3
%
Offset Voltage
IADCx, IxP, IxM = 0V
VAVCC = VDVCC = 5V
Slow Mode
l
0
±1
µV
Fast Mode
l
0
±2
µV
Total Unadjusted Error
|VDIFI| ≥ 25mV
l
0.3
%
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com