Electronic Components Datasheet Search
  English  ▼

X  

LTC2949 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2949
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2949 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2949 Datasheet HTML 7Page - Analog Devices LTC2949 Datasheet HTML 8Page - Analog Devices LTC2949 Datasheet HTML 9Page - Analog Devices LTC2949 Datasheet HTML 10Page - Analog Devices LTC2949 Datasheet HTML 11Page - Analog Devices LTC2949 Datasheet HTML 12Page - Analog Devices LTC2949 Datasheet HTML 13Page - Analog Devices LTC2949 Datasheet HTML 14Page - Analog Devices LTC2949 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
LTC2949
11
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VREF vs Temperature
VREF Load Regulation
VREF2 vs Temperature
AVCC/DVCC Supply Current
Standby/Measure vs Temperature
AVCC/DVCC Supply Current vs
Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.996
2.997
2.998
2.999
3.000
3.001
3.002
3.003
3.004
3.005
3.006
vs Temperature
VREF
2949 G10
125°C
85°C
25°C
–40°C
VREF LOAD CURRENT (mA)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
VREF Load Regulation
2949 G11
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.375
2.380
2.385
2.390
2.395
2.400
2.405
VREF2 vs Temperature
2949 G12
Standby/Measure, VAVCC=VDVCC=14V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5
10
15
20
25
Standby/Measure vs Temperature
AVCC/DVCC Supply Current
2949 G13
Sleep Mode, VAVCC = VDVCC = 14V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1
10
100
1k
vs Temperature
AVCC/DVCC Supply Current
2949 G14
PIN FUNCTIONS
AVCC (Pin 19): Analog Supply Voltage. Bypass this pin to
AGND with a 0.1μF (or greater) capacitor. AVCC operating
range is 4.5V to 14V.
AGND (Pin 18): Analog Ground. Bypass this pin to AVCC
with a 0.1μF (or greater) capacitor.
BYP1 (Pin 16): Internal Supply Voltage. Bypass BYP1 to
DGND with a 1μF capacitor. BYP1 is regulated to 2.5V. Can
supply external circuitry (example EEPROM) with up to
10mA. Overloading might disrupt LTC2949 functionality.
BYP2 (Pin 25): Internal 3.25V Supply Voltage. Bypass
BYP2 to DGND with a 1μF capacitor. Can supply external
circuitry (example SPI isolator ADuM141E or ADuM4154)
with up to 10mA. Overloading might disrupt LTC2949
functionality.
CF1P, CF1M (Pins 44, 43): Filter Capacitor Inputs for the
first current channel. Connect a 1µF capacitor between
CF1P and CF1M for filtering differential noise and fast cur-
rent variations. Connect 0.1µF capacitors between AGND
and the filter pins for damping high frequency common
mode variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com