Electronic Components Datasheet Search
  English  ▼

X  

LTC2949 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2949
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2949 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2949 Datasheet HTML 17Page - Analog Devices LTC2949 Datasheet HTML 18Page - Analog Devices LTC2949 Datasheet HTML 19Page - Analog Devices LTC2949 Datasheet HTML 20Page - Analog Devices LTC2949 Datasheet HTML 21Page - Analog Devices LTC2949 Datasheet HTML 22Page - Analog Devices LTC2949 Datasheet HTML 23Page - Analog Devices LTC2949 Datasheet HTML 24Page - Analog Devices LTC2949 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
LTC2949
21
Rev A
For more information www.analog.com
OPERATION
Table 3. Timebase Settings for Common Frequencies
fREF [MHz] PRE 2PRE fREF_1[MHz] DIV
TIME BASE
CONTROL [7:0]
1
0
1
1
30
1111 0000
1.5
1
2
0.75
22
1011 0001
4
2
4
1
30
1111 0010
10
4
16
0.625
19
1001 1100
20
5
32
0.625
19
1001 1101
25
5
32
0.781
23
1011 1101
Int.
7
X
XXXX X111
OVERCURRENT COMPARATORS
The LTC2949 features two fast differential over-current
comparators with rail to rail input common mode and
programmable threshold followed by configurable filters
to suppress input glitches. Overcurrent comparator 1
(OCC1)isconnectedtopinsI1PandI1Mwhileovercurrent
comparator 2 (OCC2) supervises the differential voltage
between I2P and I2M. Both overcurrent comparators can
individually be configured to detect either only positive or
only negative overcurrents or overcurrents independent
of their polarity. When at least one of the overcurrent
comparators is enabled, GPIO5 turns into a heartbeat
signal toggling at 400kHz while currents are within the
desired range and staying low if any current exceeds its
programmed limit.
The overcurrent comparator 1 (OCC1) between I1P and
I1M is controlled by the control register OCC1CTRL
while overcurrent comparator 2 (OCC2) is controlled by
its control register at OCC2CTRL, both on page 0 of the
register map. Both OCC Control Registers are organized
as shown in Table 4.
Table 4. Overcurrent Comparator Control Registers
BIT #
NAME
FUNCTION
0
OCCxEN
Enable OCC
1
OCCxDAC0
Threshold DAC[0]
2
OCCxDAC1
Threshold DAC[1]
3
OCCxDAC2
Threshold DAC[2]
4
OCCxDGLT0
Deglitch [0]
5
OCCxDGLT1
Deglitch [1]
6
OCCxPOL0
Polarity [0]
7
OCCxPOL1
Polarity [1]
The overcurrent comparators are enabled by setting the
respective OCCxEN to 1.
Bits OCCxPOLx control the polarity sensitivity of the
comparator as in Table 5.
Table 5. OCC Polarity Configuration
OCCxPOL1
OCCxPOL0
POLARITY
0
0
Both Polarities
0
1
Positive Currents
1
0
Negative Currents
The thresholds of the overcurrent comparators can be
programmed individually by means of the OCCxDACx bits
between 0 and 310mV.
Table 6. OCC Thresholds
OCCxDAC2
OCCxDAC1
OCCxDAC0
Threshold
[mV]
0
0
0
0
0
0
1
26
0
1
0
52
0
1
1
78
1
0
0
103
1
0
1
155
1
1
0
207
1
1
1
310
Similarly,thedurationofathresholdexceedingnotreported
by the comparator (Deglitch Time) can be programmed by
the bits OCCxDGLTx between 20µs to 1.28ms.
Table 7. OCC Deglitch Time
OCCxDGLT1
OCCxDGLT0
DEGLITCH TIME [µs]
0
0
20
0
1
80
1
0
320
1
1
1280
Overcurrents are reported by setting OCC1 and OCC2 of
VCC and OCC Status Register (STATVCC) and by stop-
ping the heartbeat signal on GPIO5. While the update of
the output register can take up to 100ms, the heartbeat
is stopped within 15µs after an overcurrent exceeded the
programmeddeglitchtime.Onceanovercurrentoccurred,
the result bits in the register remain set until they are read
by the host and subsequently cleared.
For diagnostic purposes, the overcurrent comparators
have a self-test built in using test input signals IPT and
IMT, see the Safety Manual for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com