Electronic Components Datasheet Search
  English  ▼

X  

LTC2949 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2949
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2949 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2949 Datasheet HTML 20Page - Analog Devices LTC2949 Datasheet HTML 21Page - Analog Devices LTC2949 Datasheet HTML 22Page - Analog Devices LTC2949 Datasheet HTML 23Page - Analog Devices LTC2949 Datasheet HTML 24Page - Analog Devices LTC2949 Datasheet HTML 25Page - Analog Devices LTC2949 Datasheet HTML 26Page - Analog Devices LTC2949 Datasheet HTML 27Page - Analog Devices LTC2949 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
LTC2949
24
Rev A
For more information www.analog.com
SERIAL INTERFACES
circuit operates. A 2V reference drives the IBIAS pin. Ex-
ternal resistors RB1 and RB2 create the reference current
IB. This current sets the drive strength of the transmitter.
RB1 and RB2 also form a voltage divider of the 2V refer-
ence at the ICMP pin. This sets the threshold voltage of
the receiver circuit.
Waking Up the isoSPI Port
The isoSPI port has 3 modes of operation, IDLE, READY
and ACTIVE as described in the section isoSPI State De-
scription. In IDLE, the WAKEUP circuit monitors activity
on pins IP and IM. Differential activity on IP-IM wakes up
the isoSPI interface. The isoSPI port will return to the low
power IDLE state if there is no activity on IP/IM for a time
of tIDLE. The LTC2949 will be ready to communicate when
the core is not in SLEEP and the isoSPI state changes
to READY (within tREADY after wakeup) as illustrated in
Figure 3. Common mode signals will not wake up the
serial interface. The interface is designed to wake up
after receiving a large signal single-ended pulse, or a
low-amplitude symmetric pulse. The differential signal
|IP – IM|, must be at least VWAKE = 200mV for a minimum
duration of tDWELL = 240ns to qualify as a wake up signal
that powers up the serial interface.
"Long -1" or "Long +1" pulses (= drive CSB low, high)
generatedbyLTC6820andcompatibleisoSPIdevices(e.g.
LTC68xx Cell Monitors) will always meet this requirement.
See following chapters for isoSPI pulse details.
Selecting Bias Resistors
The adjustable signal amplitude allows the system to trade
power consumption for communication robustness, and
the adjustable comparator threshold allows the system to
accountforsignallosses.TheisoSPItransmitterdrivecur-
rent and comparator voltage threshold are set by a resistor
divider (RBIAS = RB1 + RB2) between the IBIAS and DGND.
The divided voltage (VICMP) is connected to the ICMP pin
which sets the comparator threshold (VICMP) to 1/2 of this
voltage. When the isoSPI interface is enabled (not IDLE)
IBIAS is held at 2V, causing a current IB to flow out of the
IBIAS pin. The IP and IM pin drive currents are 20 • IB.
As an example, if divider resistor RB1 is 2.8k and resistor
RB2 is 1.21k (so that RBIAS = 4k), then:
IB =
2V
RB1+RB2
= 0.5mA
IDRV =IIP =IIM =20•IB =10mA
VICMP =2V •
RB2
RB1+RB2
=IB •RB2 =603mV
VTCMP =0.5• VICMP =302mV
In this example, the pulse drive current IDRV will be 10mA,
and the receiver comparators will detect pulses with IP-IM
amplitudes greater than ±302mV. If the isolation barrier
uses 1:1 transformers connected by a twisted pair and
terminated with 100Ω resistors on each end, then the
transmitted differential signal amplitude (±) will be:
VA =IDRV •
RM
2
= 0.5V
(This result ignores transformer and cable losses, which
may reduce the amplitude).
isoSPI Pulse Detail
The transmitter can output three voltage levels: +VA, 0V,
and–VA.ApositiveoutputresultsfromIPsourcingcurrent
and IM sinking current across load resistor RM. A nega-
tive voltage is developed by IP sinking and IM sourcing.
When both outputs are off, the load resistance forces
the differential output to 0V. To eliminate the DC signal
componentandenhancereliability,theisoSPIusesbipolar
pulses of two different pulse length. This allows for four
types of pulses to be transmitted, as shown in Table 8. A
+1 pulse will be transmitted as a positive pulse followed
by a negative pulse. A –1 pulse will be transmitted as a
negative pulse followed by a positive pulse. The duration
of each pulse is defined as t1/2PW, since each is half of the
required symmetric pair. (The total isoSPI pulse duration
is 2 • t1/2PW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com