Electronic Components Datasheet Search
  English  ▼

X  

LTC2949 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2949
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2949 Datasheet(HTML) 3 Page - Analog Devices

  LTC2949 Datasheet HTML 1Page - Analog Devices LTC2949 Datasheet HTML 2Page - Analog Devices LTC2949 Datasheet HTML 3Page - Analog Devices LTC2949 Datasheet HTML 4Page - Analog Devices LTC2949 Datasheet HTML 5Page - Analog Devices LTC2949 Datasheet HTML 6Page - Analog Devices LTC2949 Datasheet HTML 7Page - Analog Devices LTC2949 Datasheet HTML 8Page - Analog Devices LTC2949 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
LTC2949
3
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
V1
V2
V3
V4
V5
DNC
V6
V7
V8
V9
V10
V11
DNC
VREF
CLKO
CLKI
DNC
DNC
CSB (IM)
SCK (IP)
SDO (IBIAS)
SDI (ICMP)
IOVCC
BYP2
TOP VIEW
LXE PACKAGE
48-LEAD (7mm × 7mm) PLASTIC LQFP
DNC: DO NOT CONNECT
TJMAX = 150°C, θJA = 20.46°C/W, θJC = 3.68°C/W
EXPOSED PAD (PIN 49), CONNECT TO AGND
49
GND
ORDER INFORMATION
AUTOMOTIVE PRODUCTS**
TRAY (250PC)
TAPE AND REEL (2000PC) PART MARKING*
PACKAGE DESCRIPTION
MSL RATING TEMPERATURE RANGE
LTC2949ILXE#3ZZPBF
LTC2949ILXE#3ZZTRPBF
LTC2949LXE
48-LEAD PLASTIC eLQFP
3
–40°C to 85°C
LTC2949HLXE#3ZZPBF
LTC2949HLXE#3ZZTRPBF LTC2949LXE
48-LEAD PLASTIC eLQFP
3
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #3ZZ suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your local
Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
Supply Pins
AVCC to AGND ........................................ –0.3V to 14.5V
DVCC to DGND........................................ –0.3V to 14.5V
AVCC to DVCC........................................... –0.1V to 0.1V
DGND to AGND. ........................................ –0.1V to 0.1V
Analog Pins
I1P, I1M, I2P, I2M ......................... –0.3V to VAVCC + 0.3V
I1P to I1M, I2P to I2M ..............................................±1V
VBATP, VBATM ............................. –0.3V to VAVCC + 0.3V
V1-V12......................................... –0.3V to VAVCC + 0.3V
CLKO, DNC.........................................................(Note 3)
Digital Input/Output Pins
IOVCC, CLKI, CSB(IM), SCK(IP)................... –0.3V to 5V
SDI (ICMP), SDO (IBIAS)............................. –0.3V to 5V
SDA, SCL ................................................ –0.3V to 2.75V
Current In/Out of Pins
IP, IM....................................................................±30mA
SDO (IBIAS) .............................................. –1mA to 9mA
V8-V12...................................................................±2mA
VREF (Note 4) .......................................................±2mA
BYP1 (Note 4)......................................... –10mA to 0mA
BYP2 (Note 4)......................................... –10mA to 0mA
Operating Ambient Temperature Range
LTC2949I .................................................–40°C to 85°C
LTC2949H.............................................. –40°C to 125°C
Storage Temperature Range…............... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com