Electronic Components Datasheet Search
  English  ▼

X  

LTC2971 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2971
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2971 Datasheet(HTML) 4 Page - Analog Devices

  LTC2971 Datasheet HTML 1Page - Analog Devices LTC2971 Datasheet HTML 2Page - Analog Devices LTC2971 Datasheet HTML 3Page - Analog Devices LTC2971 Datasheet HTML 4Page - Analog Devices LTC2971 Datasheet HTML 5Page - Analog Devices LTC2971 Datasheet HTML 6Page - Analog Devices LTC2971 Datasheet HTML 7Page - Analog Devices LTC2971 Datasheet HTML 8Page - Analog Devices LTC2971 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
LTC2971
4
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages:
VPWR...................................................... –0.3V to 63V
VPWR Current...................................................–20mA
VDD33.................................................... –0.3V to 3.6V
VDD25.................................................. –0.3V to 2.75V
Digital Input/Output Voltages:
ALERTB, SDA, SCL, CONTROL0, CONTROL1, PG[1:0],
VDDIO .................................................... –0.3V to 3.6V
PWRGD, SHARE_CLK, WDI/RESETB, WP, FAULTB0,
FAULTB1............................................... –0.3V to 3.6V
ASEL0, ASEL1....................................... –0.3V to 3.6V
Analog Voltages:
REFP................................................... –0.3V to 1.35V
REFM.................................................... –0.3V to 0.3V
VIN_SNS, IIN_SNSP, IIN_SNSM.................... –0.3V to 63V
IIN_SNSP to IIN_SNSM.............................. –0.3V to 0.3V
VOUT_SNS0, IOUT_SNSP0, IOUT_SNSM0
LTC2971, LTC2971-1, LTC2971-3........... –0.3V to 63V
LTC2971-2 ............................................. −63V to 0.3V
VOUT_SNS1, IOUT_SNSP1, IOUT_SNSM1
LTC2971 ................................................ –0.3V to 63V
LTC2971-1, LTC2971-2........................... −63V to 0.3V
LTC2971-3 ............................................... –0.3V to 3V
IOUT_SNSP0 to IOUT_SNSM0
LTC2971, LTC2971-1, LTC2971-3............. –0.3V to 3V
LTC2971-2 ............................................ –0.3V to 0.3V
IOUT_SNSP1 to IOUT_SNSM1
LTC2971, LTC2971-3................................ –0.3V to 3V
LTC2971-1, LTC2971-2.......................... –0.3V to 0.3V
GNDSNS[1:0]........................................... –0.3V to 0.3V
VOUT_EN[1:0], AUXFAULTB ...................... –0.3V to 63V
VDAC[1:0]................................................ –0.3V to 5.5V
TSENSE[1:0]............................................. –0.3V to 3.6V
Operating Junction Temperature Range:
LTC2971C, LTC2971C-1, LTC2971C-2,
LTC2971C-3............................................. 0°C to 70°C
LTC2971I, LTC2971I-1, LTC2971I-2,
LTC2971I-3 ........................................ –40°C to 105°C
LTC2971H, LTC2971H-1, LTC2971H-2,
LTC2971H-3....................................... –40°C to 125°C
Storage Temperature Range ................ –65°C to 150°C*
Maximum Junction Temperature ........................ 125°C*
Peak Solder Reflow Package Body Temperature...260°C
*See OPERATION section for detailed EEPROM derating
information for junction temperatures in excess of 125°C.
(Notes 1, 2)
1
A
B
C
D
E
F
G
2
3
4
5
6
7
TOP VIEW
BGA PACKAGE
49-LEAD (7mm × 7mm × 1.44mm)
TJMAX = 125°C, θJA = 46°C/W, θJCtop = 26°C/W, θJCbottom = 21°C/W, θJB = 25°C/W,
WEIGHT = 0.13g, VALUES DETERMINED PER JEDEC 51-9, 51-12
AUXFAULTB
VOUT_EN1
GNDSNS0
IIN_SNSM
IIN_SNSP
VIN_SNS
VOUT_EN0
VDAC0
VOUT_SNS0
VDD33
TSENSE1
VPWR
IOUT_SNSM0
VDD25
TSENSE0
PWRGD
GND
VDAC1
IOUT_SNSP0
GND
WP
SHARE_CLK
REFM
GND
GNDSNS1
ALERTB
WDI/RESETB
PG0
REFP
ASEL0
DNC
VOUT_SNS1
SDA
FAULTB0
PG1
ASEL1
CONTROL1
IOUT_SNSP1
IOUT_SNSM1
CONTROL0
SCL
FAULTB1
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com