Electronic Components Datasheet Search
  English  ▼

X  

LTC2971 Datasheet(PDF) 85 Page - Analog Devices

Part # LTC2971
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2971 Datasheet(HTML) 85 Page - Analog Devices

Back Button LTC2971 Datasheet HTML 81Page - Analog Devices LTC2971 Datasheet HTML 82Page - Analog Devices LTC2971 Datasheet HTML 83Page - Analog Devices LTC2971 Datasheet HTML 84Page - Analog Devices LTC2971 Datasheet HTML 85Page - Analog Devices LTC2971 Datasheet HTML 86Page - Analog Devices LTC2971 Datasheet HTML 87Page - Analog Devices LTC2971 Datasheet HTML 88Page - Analog Devices LTC2971 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
LTC2971
85
Rev. 0
For more information www.analog.com
MFR_FAULT_LOG Read Example
The following table fully decodes a sample fault log read
with Position_last = 4 to help clarify the cyclical nature
of the operation.
Data Block Contents
PREAMBLE INFORMATION
BYTE
NUMBER
DECIMAL
BYTE
NUMBER
HEX
DATA
DESCRIPTION
0
00
Position_last[7:0] = 4 Position of fault-
log pointer when
fault occurred.
1
01
Reserved
Always returns
0x00.
2
02
SharedTime[7:0]
41-bit share-
clock counter
value when fault
occurred. Counter
LSB is in 200µs
increments.
3
03
SharedTime[15:8]
4
04
SharedTime[23:16]
5
05
SharedTime[31:24]
6
06
SharedTime[39:32]
7
07
SharedTime[40]
8
08
Mfr_first_fault[7:0]
9
09
Mfr_first_fault[15:8]
10
0A
FirstFaultTime
11
0B
Mfr_vout_peak0[7:0]
12
0C
Mfr_vout_peak0[15:8]
13
0D
Mfr_vout_min0[7:0]
14
0E
Mfr_vout_min0[15:8]
15
0F
Mfr_temperature_
peak0[7:0]
16
10
Mfr_temperature_
peak0[15:8]
17
11
Mfr_temperature_
min0[7:0]
18
12
Mfr_temperature_
min0[15:8]
19
13
Mfr_iout_peak0[7:0]
20
14
Mfr_iout_peak0[15:8]
21
15
Mfr_iout_min0[7:0]
22
16
Mfr_iout_min0[15:8]
23
17
Mfr_vin_peak_[7:0]
24
18
Mfr_vin_peak_[15:8]
25
19
Mfr_vin_min_[7:0]
26
1A
Mfr_vin_min_[15:8]
PREAMBLE INFORMATION
BYTE
NUMBER
DECIMAL
BYTE
NUMBER
HEX
DATA
DESCRIPTION
27
1B
Mfr_iin_peak[7:0]
28
1C
Mfr_iin_peak[15:8]
29
1D
Mfr_iin_min[7:0]
30
1E
Mfr_iin_min[15:8]
31
1F
Mfr_pin_peak[7:0]
32
20
Mfr_pin_peak[15:8]
33
21
Mfr_pin_min[7:0]
34
22
Mfr_pin_min[15:8]
35
23
Mfr_vout_peak1[7:0]
36
24
Mfr_vout_
peak1[15:8]
37
25
Mfr_vout_min1[7:0]
38
26
Mfr_vout_min1[15:8]
39
27
Mfr_temperature_
peak1[7:0]
40
28
Mfr_temperature_
peak1[15:8]
41
29
Mfr_temperature_
min1[7:0]
42
2A
Mfr_temperature_
min1[15:8]
43
2B
Mfr_iout_peak1[7:0]
44
2C
Mfr_iout_peak1[15:8]
45
2D
Mfr_iout_min1[7:0]
46
2E
Mfr_iout_min1[15:8]
47
2F
Status_vout0[7:0]
48
30
Status_iout0[7:0]
49
31
Status_mfr_
specific0[7:0]
50
32
Mfr_status_2_0[7:0]
51
33
Status_vout1[7:0]
52
34
Status_iout1[7:0]
53
35
Status_mfr_
specific1[7:0]
54
36
Mfr_status_2_1[7:0]
End of Preamble
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com