Electronic Components Datasheet Search
  English  ▼

X  

LTC2971 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC2971
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2971 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC2971 Datasheet HTML 38Page - Analog Devices LTC2971 Datasheet HTML 39Page - Analog Devices LTC2971 Datasheet HTML 40Page - Analog Devices LTC2971 Datasheet HTML 41Page - Analog Devices LTC2971 Datasheet HTML 42Page - Analog Devices LTC2971 Datasheet HTML 43Page - Analog Devices LTC2971 Datasheet HTML 44Page - Analog Devices LTC2971 Datasheet HTML 45Page - Analog Devices LTC2971 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
LTC2971
42
Rev. 0
For more information www.analog.com
MFR_CONFIG_LTC2971 Data Contents
BIT(S) SYMBOL
OPERATION
b[1]
Mfr_config_dac_gain
DAC buffer gain.
0: Select DAC buffer gain dac_gain_0 (1.38V full-scale).
1: Select DAC buffer gain dac_gain_1 (2.65V full-scale).
b[0]
Mfr_config_ dac_pol
DAC output polarity.
0: Encodes negative (inverting) DC/DC converter trim input.
1: Encodes positive (non-inverting) DC/DC converter trim input.
Cascade Sequence ON with Time-Based Sequence OFF
Cascade sequence ON allows a master power supply to sequence on a series of slave supplies by connecting each
power supply’s power good output, or the LTC2971's configured PG pin, to the control pin of the next power supply, or
LTC2971 channel, in the chain. Please note that the LTC2971's PWRGD pin should not be used for cascade sequenc-
ing. Power good based cascade sequence OFF is not supported, OFF sequencing must be managed using immediate
or time based sequence OFF. See also Tracking Based Sequencing section.
Cascade sequence ON is illustrated in Figure 14. For each slave channel Mfr_config_cascade_on is asserted high and
the associated control input is connected to the power good output of the previous power supply. In this configuration
each slave channel’s startup is delayed until the previous supply has powered up.
Cascade sequence OFF is not directly supported. Options for reversing the sequence when turning the supplies off
include:
• Using the OPERATION command to turn off all the channels with an appropriate off delay.
• Using the FAULT pin to bring all the channels down immediately or in sequence with an appropriate off delay.
When asserted, Mfr_config_cascade_on enables a slave channel to honor fault retries even when its control pin is
low. Additionally, if the system has faulted off after zero or a finite number of retries, an OPERATION command may
be used to turn all cascade channels off then on to clear the faulted OFF state when the slave’s control pin is low. For
this reason we refer to the control pin as being redefined as a sequence pin.
Figure 14. LTC2971 Configured to Cascade Sequence ON and Time-Base Sequence OFF
PMBus COMMAND DESCRIPTION
VOUTP
RUN
VOUTM
VOUT_SNS0
GNDSNS0
POWERGOOD0
FAULTB0
FAULTB0
LTC2971
SLAVE
MASTER
CONTROL0
RECOMMENDED CONNECTION
WHEN HARDWARE ON/OFF
CONTROL IS REQUIRED
VOUT_EN0
CONTROL1
CONTROL0
DC/DC
LOAD
VOUTP
RUN
VOUTM
VOUT_SNS1
POWERGOOD1
VOUT_EN1
DC/DC
LOAD
TO NEXT CONTROL PIN
2971 F14
GNDSNS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com