Electronic Components Datasheet Search
  English  ▼

X  

LTC2971 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC2971
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2971 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC2971 Datasheet HTML 45Page - Analog Devices LTC2971 Datasheet HTML 46Page - Analog Devices LTC2971 Datasheet HTML 47Page - Analog Devices LTC2971 Datasheet HTML 48Page - Analog Devices LTC2971 Datasheet HTML 49Page - Analog Devices LTC2971 Datasheet HTML 50Page - Analog Devices LTC2971 Datasheet HTML 51Page - Analog Devices LTC2971 Datasheet HTML 52Page - Analog Devices LTC2971 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
LTC2971
49
Rev. 0
For more information www.analog.com
MFR_EE_UNLOCK
The MFR_EE_UNLOCK command prevents accidental EEPROM access in normal operation and configures the required
EEPROM bulk programming mode for bulk initialization, sequential writes, or reads. MFR_EE_UNLOCK augments the
protection provided by write protect. Upon unlocking the part for the required operation, an internal address pointer is
reset allowing a series of MFR_EE_DATA reads or writes to sequentially transfer data, similar to a block read or block
write. The MFR_EE_UNLOCK command can clear or set PEC mode based on the desired level of error protection. An
MFR_EE_UNLOCK sequence consists of writing two or three unlock codes as described below. The following table
documents the allowed sequences. Writing a non-supported sequence locks the part. Reading MFR_EE_UNLOCK
returns the last byte written or zero if the part is locked.
MFR_EE_UNLOCK Data Contents
BIT(S) SYMBOL
OPERATION
b[7:0] Mfr_ee_unlock[7:0] To unlock user EEPROM space for Mfr_ee_erase and Mfr_ee_data read or write operations with PEC allowed:
Write 0x2B followed by 0xD4.
To unlock user EEPROM space for Mfr_ee_erase and Mfr_ee_data read or write operations with PEC required:
Write 0x2B followed by 0xD5.
To unlock user and manufacturer EEPROM space for Mfr_ee_data read only operations with PEC allowed:
Write 0x2B, followed by 0x91 followed by 0xE4.
To unlock user and manufacturer EEPROM space for Mfr_ee_data read only operations with PEC required:
Write 0x2B, followed by 0x91 followed by 0xE5.
MFR_EE_ERASE
The MFR_EE_ERASE command is used to erase the entire contents of the user EEPROM space and configures this
space to accept new program data. Writing values other than 0x2B will lock the part. Reads return the last value written.
MFR_EE_ERASE Data contents
BIT(S) SYMBOL
OPERATION
b[7:0] Mfr_ee_erase[7:0] To erase the user EEPROM space and configure to accept new data:
1) Use the appropriate Mfr_ee_unlock sequence to configure for Mfr_ee_erase commands with or without PEC.
2) Write 0x2B to Mfr_ee_erase.
The part will indicate it is busy erasing the EEPROM by the mechanism detailed below.
MFR_EE_DATA
The MFR_EE_DATA command allows the user to transfer data directly to or from the EEPROM without affecting RAM
space.
To read the user EEPROM space issue the appropriate Mfr_ee_unlock command and perform Mfr_ee_data reads until
the EEPROM has been completely read. Extra reads will lock the part and return zero. The first read returns the 16-bit
EEPROM packing revision ID that is stored in ROM. The second read returns the number of 16-bit words available;
this is the number of reads or writes to access all memory locations. Subsequent reads return EEPROM data starting
with lowest address.
To write to the user EEPROM space issue the appropriate Mfr_ee_unlock and Mfr_ee_erase commands followed by
successive Mfr_ee_data word writes until the EEPROM is full. Extra writes will lock the part. The first write is to the
lowest address.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com