Electronic Components Datasheet Search
  English  ▼

X  

LTC2971 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2971
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2971 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2971 Datasheet HTML 3Page - Analog Devices LTC2971 Datasheet HTML 4Page - Analog Devices LTC2971 Datasheet HTML 5Page - Analog Devices LTC2971 Datasheet HTML 6Page - Analog Devices LTC2971 Datasheet HTML 7Page - Analog Devices LTC2971 Datasheet HTML 8Page - Analog Devices LTC2971 Datasheet HTML 9Page - Analog Devices LTC2971 Datasheet HTML 10Page - Analog Devices LTC2971 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
LTC2971
7
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVPWR = 12V, VVDDIO = VVDD33,VDD33, VDD25, REFP, and REFM pins
floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, and CREF = 100nF. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TUE_ADC_
VOUT
Total Unadjusted Error Voltage
Sense Inputs (Note 3)
10V ≤ |VIN_ADC| ≤ 60V
l
±0.25
% of
Reading
0V ≤ |VIN_ADC| ≤ 10V
l
±25
mV
LTC2971-3, 1V ≤ VVOUT_SNS1 – VGNDSNS1 ≤ 1.8V
l
±0.25
% of
Reading
LTC2971-3, 0V ≤ VVOUT_SNS1 – VGNDSNS1 ≤ 1V
±2.5
mV
TUE_ADC_
IOUT
Total Unadjusted Error Current
Sense Inputs (Note 3)
Mfr_config_imon_sel = 0
20mV ≤ |VIN_ADC| ≤ 80mV
l
±0.6
% of
Reading
Mfr_config_imon_sel = 0
|VIN_ADC| ≤ 20mV
l
±120
µV
Mfr_config_imon_sel = 1
VIN_ADC ≥ 1V
l
±0.25
% of
Reading
Mfr_config_imon_sel = 1
0 ≤ VIN_ADC ≤ 1V
l
±2.5
mV
VOS_ADC
Offset Error
VIOUT_SNSPn = VIOUT_SNSMn,
VOS • IOUT_CAL_GAIN,
IOUT_CAL_GAIN = 1000mΩ
Mfr_config_imon_sel = 0
l
±70
μV
CMRR_IOUT
DC CMRR
|VIOUT_SNSPn – VIOUT_SNSMn| = 80mV, over
Single-Ended Voltage Range
135
dB
LC2971-3, |VIOUT_SNSP1 – VIOUT_SNSM1| = 80mV,
over Single-Ended Voltage Range
100
dB
AC CMRR
|VIOUT_SNSPn – VIOUT_SNSMn| = 80mV,
|VIOUT_SNSPn| = 12V ± 80mV, f=62.5kHz
92
dB
tCONV_ADC
Conversion Time (Note 8)
VOUT_SNSn, GNDSNSn, VIN_SNS Inputs
6.15
ms
IOUT_SNSPn, IOUT_SNSMn, IIN_SNSPn, IIN_SNSMn,
Inputs
Mfr_config_imon_sel = 0
24.6
ms
IOUT_SNSPn, IOUT_SNSMn Inputs
Mfr_config_imon_sel = 1
6.15
ms
Internal Temperature
(READ_TEMPERATURE_2)
24.6
ms
tUPDATE_ADC Update Time (Note 8)
Mfr_ein_config_hd = 0
135
ms
Mfr_ein_config_hd = 1
305
ms
fIN_ADC
Input Sampling Frequency
62.5
kHz
Sense Input Characteristics (Note 9)
RIN_VSENSE
Input Resistance
VOUT_SNSn and GNDSNSn Inputs
l
400
500
625
kΩ
LTC2971-3 VOUT_SNS1 and GNDSNS1 Inputs
l
500
kΩ
IIN_IOUT_SNS Input Current
IOUT_SNSPn and IOUT_SNSMn Inputs
Mfr_config_imon_sel = 0
l
±10
μA
IOUT_SNSPn and IOUT_SNSMn Inputs
Mfr_config_imon_sel = 1
l
±1
μA
Differential Input Current
IOUT_SNSPn and IOUT_SNSMn Inputs, |VIN_DIFF|
= 80mV, Mfr_config_imon_sel = 0
l
±0.1
μA
IOUT_SNSPn and IOUT_SNSMn Inputs, |VIN_DIFF|
= 80mV, Mfr_config_imon_sel = 1
l
±1
μA
DAC Output Characteristics
N_VDAC
Resolution
10
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com