Electronic Components Datasheet Search
  English  ▼

X  

LTC2971 Datasheet(PDF) 84 Page - Analog Devices

Part # LTC2971
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2971 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTC2971 Datasheet HTML 80Page - Analog Devices LTC2971 Datasheet HTML 81Page - Analog Devices LTC2971 Datasheet HTML 82Page - Analog Devices LTC2971 Datasheet HTML 83Page - Analog Devices LTC2971 Datasheet HTML 84Page - Analog Devices LTC2971 Datasheet HTML 85Page - Analog Devices LTC2971 Datasheet HTML 86Page - Analog Devices LTC2971 Datasheet HTML 87Page - Analog Devices LTC2971 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
LTC2971
84
Rev. 0
For more information www.analog.com
The data returned between bytes 55 and 237 of the
previous table is interpreted using Position_last and the
following table. The key to identifying the data located in
byte 55 is to locate the DATA corresponding to POSITION
= Position_last in the next table. Subsequent bytes are
identified by decrementing the value of POSITION. For
example: If Position_last = 9 then the first data returned
in byte position 55 of a block read is Status_temperature
of page 0 followed by Read_temperature_1[15:8] of page
0 followed by Read_temperature_1[7:0] of page 0 and so
on. See Table 5.
Table 5. Interpreting Cyclical Loop Data
POSITION
DATA
0
Read_temperature_2[7:0]
1
Read_temperature_2[15:8]
2
Read_vout0[7:0]
3
Read_vout0[15:8]
4
Status_vout0[7:0]
5
Status_mfr_specific0[7:0]
6
Mfr_status_2_0[7:0]
7
Read_temperature_1_0[7:0]
8
Read_temperature_1_0[15:8]
9
Status_temperature0[7:0]
10
Status_iout0[7:0]
11
Read_iout0[7:0]
12
Read_iout0[15:8]
Table 5. Interpreting Cyclical Loop Data
POSITION
DATA
13
Read_pout0[7:0]
14
Read_pout0[15:8]
15
Read_vin[7:0]
16
Read_vin[15:8]
17
Status_input[7:0]
18
0x0
19
Read_iin[7:0]
20
Read_iin[15:8]
21
Read_pin[7:0]
22
Read_pin[15:8]
23
Read_vout1[7:0]
24
Read_vout1[15:8]
25
Status_vout1[7:0]
26
Status_mfr_specific1[7:0]
27
Mfr_status_2_1[7:0]
28
Read_temperature_1_1[7:0]
29
Read_temperature_1_1[15:8]
30
Status_temperature1[7:0]
31
Status_iout1[7:0]
32
Read_iout1[7:0]
33
Read_iout1[15:8]
34
Read_pout1[7:0]
35
Read_pout1[15:8]
Total Bytes = 36
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com