Electronic Components Datasheet Search
  English  ▼

X  

P87LPC779 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 46Page - NXP Semiconductors P87LPC779 Datasheet HTML 47Page - NXP Semiconductors P87LPC779 Datasheet HTML 48Page - NXP Semiconductors P87LPC779 Datasheet HTML 49Page - NXP Semiconductors P87LPC779 Datasheet HTML 50Page - NXP Semiconductors P87LPC779 Datasheet HTML 51Page - NXP Semiconductors P87LPC779 Datasheet HTML 52Page - NXP Semiconductors P87LPC779 Datasheet HTML 53Page - NXP Semiconductors P87LPC779 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
50 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
RECEIVE enable SHIFT CLOCK to the alternate output function line of P3.1. SHIFT
CLOCK makes transitions at S3P1 and S6P1 of every machine cycle. At S6P2 of
every machine cycle in which RECEIVE is active, the contents of the receive shift
register are shifted to the left one position. The value that comes in from the right is
the value that was sampled at the P3.0 pin at S5P2 of the same machine cycle.
As data bits come in from the right, 1s shift out to the left. When the ‘0’ that was
initially loaded into the rightmost position arrives at the leftmost position in the shift
register, it flags the RX Control block to do one last shift and load SBUF. At S1P1 of
the 10th machine cycle after the write to SCON that cleared RI, RECEIVE is cleared
as RI is set.
8.15.9
More about UART Mode 1
Ten bits are transmitted (through TxD), or received (through RxD): a start bit (0),
8 data bits (LSB first), and a stop bit (1). On receive, the stop bit goes into RB8 in
SCON. In the P87LPC779 the baud rate is determined by the Timer1 overflow rate.
Figure 24 shows a simplified functional diagram of the serial port in Mode 1, and
associated timings for transmit receive.
Transmission is initiated by any instruction that uses SBUF as a destination register.
The ‘write to SBUF’ signal also loads a ‘1’ into the 9th bit position of the transmit shift
register and flags the TX Control unit that a transmission is requested. Transmission
actually commences at S1P1 of the machine cycle following the next rollover in the
divide-by-16 counter. (Thus, the bit times are synchronized to the divide-by-16
counter, not to the ‘write to SBUF’ signal.)
The transmission begins with activation of SEND which puts the start bit at TxD. One
bit time later, DATA is activated, which enables the output bit of the transmit shift
register to TxD. The first shift pulse occurs one bit time after that.
As data bits shift out to the right, zeros are clocked in from the left. When the MSB of
the data byte is at the output position of the shift register, then the ‘1’ that was initially
loaded into the 9th position is just to the left of the MSB, and all positions to the left of
that contain zeros. This condition flags the TX Control unit to do one last shift and
then deactivate SEND and set TI. This occurs at the 10th divide-by-16 rollover after
‘write to SBUF.’
Reception is initiated by a detected 1-to-0 transition at RxD. For this purpose RxD is
sampled at a rate of 16 times whatever baud rate has been established. When a
transition is detected, the divide-by-16 counter is immediately reset, and 1FFH is
written into the input shift register. Resetting the divide-by-16 counter aligns its
rollovers with the boundaries of the incoming bit times.
The 16 states of the counter divide each bit time into 16ths. At the 7th, 8th, and 9th
counter states of each bit time, the bit detector samples the value of RxD. The value
accepted is the value that was seen in at least 2 of the 3 samples. This is done for
noise rejection. If the value accepted during the first bit time is not 0, the receive
circuits are reset and the unit goes back to looking for another 1-to-0 transition. This
is to provide rejection of false start bits. If the start bit proves valid, it is shifted into the
input shift register, and reception of the rest of the frame will proceed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com