Electronic Components Datasheet Search
  English  ▼

X  

P87LPC779 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 47Page - NXP Semiconductors P87LPC779 Datasheet HTML 48Page - NXP Semiconductors P87LPC779 Datasheet HTML 49Page - NXP Semiconductors P87LPC779 Datasheet HTML 50Page - NXP Semiconductors P87LPC779 Datasheet HTML 51Page - NXP Semiconductors P87LPC779 Datasheet HTML 52Page - NXP Semiconductors P87LPC779 Datasheet HTML 53Page - NXP Semiconductors P87LPC779 Datasheet HTML 54Page - NXP Semiconductors P87LPC779 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
51 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
As data bits come in from the right, 1s shift out to the left. When the start bit arrives at
the leftmost position in the shift register (which in mode 1 is a 9-bit register), it flags
the RX Control block to do one last shift, load SBUF and RB8, and set RI. The signal
to load SBUF and RB8, and to set RI, will be generated if, and only if, the following
conditions are met at the time the final shift pulse is generated:
1. R1 = 0, and
2. Either SM2 = 0, or the received stop bit = 1.
If either of these two conditions is not met, the received frame is irretrievably lost. If
both conditions are met, the stop bit goes into RB8, the 8 data bits go into SBUF, and
RI is activated. At this time, whether the above conditions are met or not, the unit
goes back to looking for a 1-to-0 transition in RxD.
8.15.10
More about UART Modes 2 and 3
Eleven bits are transmitted (through TxD), or received (through RxD): a start bit (0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (1). On transmit, the
9th data bit (TB8) can be assigned the value of ‘0’ or ‘1’. On receive, the 9th data bit
goes into RB8 in SCON. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of the
CPU clock frequency in Mode 2. Mode 3 may have a variable baud rate generated
from Timer1.
Figures 25 and 26 show a functional diagram of the serial port in Modes 2 and 3. The
receive portion is exactly the same as in Mode 1. The transmit portion differs from
Mode 1 only in the 9th bit of the transmit shift register.
Transmission is initiated by any instruction that uses SBUF as a destination register.
The ‘write to SBUF’ signal also loads TB8 into the 9th bit position of the transmit shift
register and flags the TX Control unit that a transmission is requested. Transmission
commences at S1P1 of the machine cycle following the next rollover in the
divide-by-16 counter. (Thus, the bit times are synchronized to the divide-by-16
counter, not to the ‘write to SBUF’ signal.)
The transmission begins with activation of SEND, which puts the start bit at TxD. One
bit time later, DATA is activated, which enables the output bit of the transmit shift
register to TxD. The first shift pulse occurs one bit time after that. The first shift clocks
a ‘1’ (the stop bit) into the 9th bit position of the shift register. Thereafter, only zeros
are clocked in. Thus, as data bits shift out to the right, zeros are clocked in from the
left. When TB8 is at the output position of the shift register, then the stop bit is just to
the left of TB8, and all positions to the left of that contain zeros. This condition flags
the TX Control unit to do one last shift and then deactivate SEND and set TI. This
occurs at the 11th divide-by-16 rollover after ‘write to SBUF.’
Reception is initiated by a detected 1-to-0 transition at RxD. For this purpose RxD is
sampled at a rate of 16 times whatever baud rate has been established. When a
transition is detected, the divide-by-16 counter is immediately reset, and 1FFH is
written to the input shift register.
At the 7th, 8th, and 9th counter states of each bit time, the bit detector samples the
value of R-D. The value accepted is the value that was seen in at least 2 of the 3
samples. If the value accepted during the first bit time is not 0, the receive circuits are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com