Electronic Components Datasheet Search
  English  ▼

X  

P87LPC779 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 58Page - NXP Semiconductors P87LPC779 Datasheet HTML 59Page - NXP Semiconductors P87LPC779 Datasheet HTML 60Page - NXP Semiconductors P87LPC779 Datasheet HTML 61Page - NXP Semiconductors P87LPC779 Datasheet HTML 62Page - NXP Semiconductors P87LPC779 Datasheet HTML 63Page - NXP Semiconductors P87LPC779 Datasheet HTML 64Page - NXP Semiconductors P87LPC779 Datasheet HTML 65Page - NXP Semiconductors P87LPC779 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
62 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
A special user data area is also available for access via the MOVC instruction at
addresses FCE0h through FCFFh. This ‘customer code’ space is programmed in the
same manner as the main code EPROM and may be used to store a serial number,
manufacturing date, or other application information.
8.18.1
System configuration bytes
A number of user configurable features of the P87LPC779 must be defined at power
up and therefore cannot be set by the program after start of execution. Those
features are configured through the use of two EPROM bytes that are programmed in
the same manner as the EPROM program space. The contents of the two
configuration bytes, UCFG1 and UCFG2, are shown in Tables 48, 49, 51 and 52. The
values of these bytes may be read by the program through the use of the MOVX
instruction at the addresses shown in the tables.
Table 48:
UCFG1 - EPROM system configuration byte 1 register (address FD00H) bit
allocation
Unprogrammed value: FFH
Bit
7
6
5
4
3
2
1
0
Symbol
WDTE
RPD
PRHI
BOV
CLKR
FOSC2
FOSC1
FOSC0
Table 49:
UCFG1 - EPROM system configuration byte 1 register (address FD00H) bit
description
Bit
Symbol
Description
7
WDTE
Watchdog timer enable. When programmed (0), disables the
Watchdog timer. The timer may still be used to generate an
interrupt.
6
RPD
Reset pin disable. When programmed (0), disables the reset
function of pin P1.5, allowing it to be used as an input only port
pin.
5
PRHI
Port reset high. When ‘1’, ports reset to a high state. When ‘0’,
ports reset to a low state.
4
BOV
Brownout voltage select. When ‘1’, the brownout detect voltage is
2.5 V. When ‘0’, the brownout detect voltage is 3.8 V. This is
described in Section 8.11 “Power monitoring functions” on page
37.
3
CLKR
Clock rate select. When ‘0’, the CPU clock rate is divided by 2.
This results in machine cycles taking 12 CPU clocks to complete
as in the standard 80C51. For full backward compatibility, this
division applies to peripheral timing as well.
2 to 0
FOSC[2:0]
CPU oscillator type select. See Section 8.10 “Oscillator” on page
34 for additional information. Combinations other than those
shown below should not be used. They are reserved for future
use.
Table 50:
FOSC2-FOSC0 oscillator configuration
FOSC2-FOSC0
Oscillator configuration
1 1 1
External clock input on X1 (default setting for an unprogrammed
part).
0 1 1
Internal RC oscillator, 6 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com