Electronic Components Datasheet Search
  English  ▼

X  

LTM2985 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2985
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2985 Datasheet(HTML) 4 Page - Analog Devices

  LTM2985 Datasheet HTML 1Page - Analog Devices LTM2985 Datasheet HTML 2Page - Analog Devices LTM2985 Datasheet HTML 3Page - Analog Devices LTM2985 Datasheet HTML 4Page - Analog Devices LTM2985 Datasheet HTML 5Page - Analog Devices LTM2985 Datasheet HTML 6Page - Analog Devices LTM2985 Datasheet HTML 7Page - Analog Devices LTM2985 Datasheet HTML 8Page - Analog Devices LTM2985 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
LTM2985
4
Rev. 0
For more information www.analog.com
COMPLETE SYSTEM ELECTRICAL CHARACTERISTICS The
l
denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VL = 3.3V and GND = GND2 = 0V,
ON = VL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supplies
VCC
Input Supply Range
l
4.5
5
5.5
V
VL
Logic Supply Range
l
1.62
5.5
V
ICC
Input Supply Current
ON = VL , No Load
l
80
mA
IL
Logic Supply Current
ON = 0V
ON = VL
l
10
10
μA
μA
Output Supplies
VCC2
Regulated Output Voltage
Output Voltage Operating Range
Line Regulation
Load Regulation
No Load
(Note 3)
External ILOAD = 1mA, MIN ≤ VCC ≤ MAX
External ILOAD = 100μA to 1mA
l
l
l
4.75
3
5
25
5.25
5.5
100
6
V
V
mV
mV
ICC2
Output Short Circuit Current
VCC2 = 0V
150
mA
Current Limit
∆VCC2 ≤ –5%
l
1
mA
Logic
VITH
Input Threshold Voltage
ON, SDOE, SCK, SDI, CS 1.62V ≤ VL < 2.35V
ON, SDOE, SCK, SDI, CS 2.35V ≤ VL ≤ 5.5V
DIN
l
l
l
0.25 • VL
0.33 • VL
0.33 • VCC2
0.75 • VL
0.67 • VL
0.67 • VCC2
V
V
V
IIN
Input Current
ON, SDOE, SCK, SDI, CS, DIN, VL = 5V,
VIN = 0V, 5V
l
±1
μA
VHYS
Input Hysteresis
(Note 3)
150
mV
VOH
Output High Voltage
DOUT, SDO
ILOAD = –1mA, 1.62V ≤ VL < 3V
ILOAD = –4mA, 3V ≤ VL ≤ 5.5V
l
VL – 0.4
V
VOL
Output Low Voltage
DOUT, SDO
ILOAD = 1mA, 1.62V ≤ VL < 3V
ILOAD = 4mA, 3V ≤ VL ≤ 5.5V
l
0.4
V
ISC
Short-Circuit Current
0V ≤ (DOUT, SDO) ≤ VL
l
±85
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com